Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 58 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 54Page - STMicroelectronics STW82103B Datasheet HTML 55Page - STMicroelectronics STW82103B Datasheet HTML 56Page - STMicroelectronics STW82103B Datasheet HTML 57Page - STMicroelectronics STW82103B Datasheet HTML 58Page - STMicroelectronics STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics STW82103B Datasheet HTML 61Page - STMicroelectronics STW82103B Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
Application information
STW82103B
58/67
Doc ID 018517 Rev 2
11.3
Diversity mode operation with same LO frequency
The STW82103B supports the Diversity mode with the same LO frequency by using one
STW82103B in Master Mode (RX Chain ON, Synthesizer ON and LO output buffer ON) and
the other in Slave Mode (RX Chain ON, Synthesizer OFF and EXT VCO/LO buffer ON). This
operation mode is suitable for antenna diversity.
Figure 27.
Diversity mode operation with same LO frequencies
4:1
IF_M
50
Ω
5V
IF_OUTP
IF_OUTN
IF AMP
DBUS
DBUS_SEL
SDA/DATA
SCL/CLK
LOAD
RF_IN
RF_VSS
RF_CT
RF_IN_M
5V
DIV2
BUF
LOCK_DET
REXT_CP
REF_CLK
CHP
PFD
UP
DN
PLL
ICP
VCO
CAL_VCO
VCTRL
BUFF
VCO
calibrator
MIXDRV_CT
MIX
DRV
STW82103B Master
MIX
DRV
DBUS
RF_IN
RF_CT
RF_IN_S
100
Ω
4:1
IF_S
50
Ω
IF_OUTP
IF_OUTN
STW82103B Slave
IF AMP
5V
DBUS_SEL
SDA/DATA
SCL/CLK
LOAD
EXTVCO_INN
MIXDRV_CT
5V
OUTBUFP
OUTBUFN
3.3V
LO
OUT
EXTVCO_INP
50
Ω
50
Ω
EXT
LO/VCO
BUF
RF_VSS
to DAC
CAL_VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com