Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 56 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 52Page - STMicroelectronics STW82103B Datasheet HTML 53Page - STMicroelectronics STW82103B Datasheet HTML 54Page - STMicroelectronics STW82103B Datasheet HTML 55Page - STMicroelectronics STW82103B Datasheet HTML 56Page - STMicroelectronics STW82103B Datasheet HTML 57Page - STMicroelectronics STW82103B Datasheet HTML 58Page - STMicroelectronics STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
Application information
STW82103B
56/67
Doc ID 018517 Rev 2
Note:
1
For optimum performance a low-noise 3.3 V power supply must be used.
2
The 3.3 V and 5 V power supplies are split in order to maximize the isolation between RF,
LO, IF and digital sections.
Table 22.
Application circuit component values
Designation
Quantity
Description
Supplier
C1, C15
2
4.7 µF capacitors COG (0402)
Murata Manufacturing Co., Ltd
C2, C11
2
1 nF capacitors COG (0402)
C3
1
10 pF capacitor COG (0402)
C4,C5
2
3.3 pF capacitors COG (0402)
C6, C7
2
1.1 pF capacitor COG (0402)
C8
1
270 pF capacitor COG (0402)
C9
1
2.7 nF capacitor COG (0402)
Murata Manufacturing Co., Ltd
C10
1
68 pF capacitor COG (0402)
C12, C13, C14
3
15 pF capacitors COG (0402)
C16
1
100 nF capacitor COG (0402)
C17
1
100 pF capacitor COG (0402)
C18
1
180 pF capacitor COG (0402)
C19
1
6.8 pF capacitor COG (0402)
R1
1
100 ohm resistors (0402)
-
R2,R3,R7
3
50 ohm resistors (0402)
-
R4
1
2.2 kohm resistor (0402)
-
R5
1
8.2 kohm resistor (0402)
-
R6
1
4.7 kohm resistor (0402)
-
R8, R9, R10
3
100 ohm resistors (0402)
-
U1, U2
2
Balun JTI - 2450BL15K100
JOHANSON TECHNOLOGY
U3
1
Balun ADT4-5WT
Mini Circuits
X1
1
7.5 nH inductor CS (0402)
Coilcraft, Inc
X2
1
0.2 pF capacitor COG (0402)
Murata Manufacturing Co., Ltd
X3
1
10 nH inductor CS (0402)
Coilcraft, Inc
X4
0
NC
-
X5
0
NC
-
X6, X8
2
12 nH inductor CS (0402)
Coilcraft, Inc
X7
0
NC
-
X9
1
1 pF capacitor COG (0402)
Murata Manufacturing Co., Ltd
L1, L2
2
11 nH inductors CS (0402)
Coilcraft, Inc
L3, L4
2
220 nH inductors CS (1206)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com