Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 5Page - STMicroelectronics STW82103B Datasheet HTML 6Page - STMicroelectronics STW82103B Datasheet HTML 7Page - STMicroelectronics STW82103B Datasheet HTML 8Page - STMicroelectronics STW82103B Datasheet HTML 9Page - STMicroelectronics STW82103B Datasheet HTML 10Page - STMicroelectronics STW82103B Datasheet HTML 11Page - STMicroelectronics STW82103B Datasheet HTML 12Page - STMicroelectronics STW82103B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
STW82103B
Pin description
Doc ID 018517 Rev 2
9/67
Table 2.
Pin list
Pin No
Name
Description
Observation
1
VDD_DAC
DAC power supply
Vsupply analog1= 3.3 V
2
REXT_DAC
External resistance connection for DAC
-
3
VDD_DIV
Divider by 2 power supply
Vsupply analog1= 3.3 V
4
VDD_VCO
VCOs and External VCO Buffer power supply
Vsupply analog1= 3.3 V
5
EXTVCO_INN
External VCO (LO) negative input
Diversity Slave Mode and External
VCO Modes; otherwise it must be
connected to GND
6
EXTVCO_INP
External VCO (LO) positive input
Diversity Slave Mode and External
VCO Modes; otherwise it must be
connected to GND
7
EXT_PD
Hardware power down:
‘0’ device ON; ‘1’ device OFF
CMOS Input
8
ADD2
I2CBUS address select pin
CMOS Input
9
ADD1
I2CBUS address select pin
CMOS Input
10
ADD0
I2CBUS address select pin
CMOS Input
11
VDD_IO
Digital IO power supply
Vsupply digital = 3.3 V
12
VDD_PSCBUF
Prescaler input buffer power supply
Vsupply analog1= 3.3 V
13
NC
Not connected
-
14
NC
Not connected
-
15
VDD_OUTBUF
Power supply for LO buffer
Vsupply analog1= 3.3 V
16
OUTBUFN
LO Output buffer negative output
Open collector @ 3.3 V
17
OUTBUFP
LO Output buffer positive output
Open collector @ 3.3 V
18
VCTRL
Control voltage for VCOs
-
19
ICP
PLL charge pump output
-
20
REXT_CP
External resistance connection for PLL charge
pump current
-
21
VDD_CP
Power supply for charge pump
Vsupply analog1= 3.3 V
22
LOCK_DET
Lock detector
CMOS Output
23
REF_CLK
Reference frequency input
-
24
VDD_PLL
PLL digital power supply
Vsupply analog1= 3.3 V
25
DBUS_SEL
Digital Bus Interface select
CMOS Input
26
VDD_DIG
Power supply for digital bus interface
Vsupply digital = 3.3 V
27
SDA/DATA
I2CBUS /SPI data line
CMOS Bidir Schmitt triggered
28
SCL/CLK
I2CBUS /SPI clock line
CMOS Input Schmitt triggered
29
LOAD
SPI load line
CMOS Input Schmitt triggered
30
NC
Not connected
-
31
IF_OUTN
IF amplifier negative output
Open collector @ 5 V(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com