Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 60 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 56Page - STMicroelectronics STW82103B Datasheet HTML 57Page - STMicroelectronics STW82103B Datasheet HTML 58Page - STMicroelectronics STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics STW82103B Datasheet HTML 61Page - STMicroelectronics STW82103B Datasheet HTML 62Page - STMicroelectronics STW82103B Datasheet HTML 63Page - STMicroelectronics STW82103B Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
Application information
STW82103B
60/67
Doc ID 018517 Rev 2
11.5
External VCO standard mode operation
The STW82103B can be used in Ext VCO Mode for both RX path and TX observation path
(RX Chain ON, Synthesizer ON, EXT VCO/LO buffer ON and with an external VCO).
In such a case the 10-bit internal DAC can drive an external PIN diode attenuator in order to
calibrate the signal level at the input of the device.
Figure 29.
External VCO standard mode operation
RF_IN2
I_PINDRV1
I_PINDRV2
RF_IN
RF_VSS
RF_CT
MIXDRV_CT
DAC
MIX
STW82103B
RF_IN
DRV
5V
IF AMP
DBUS
BUF
DBUS_SEL
SDA/DATA
SCL/CLK
LOAD
LOCK_DET
4:1
IF_OUT
50
Ω
5V
REXT_CP
REF_CLK
CHP
PFD
UP
DN
PLL
ICP
EXT
IF_OUTP
IF_OUTN
EXTERNAL
VCO
EXTVCO_INP
EXTVCO_INN
LO/VCO
BUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com