Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 61 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 57Page - STMicroelectronics STW82103B Datasheet HTML 58Page - STMicroelectronics STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics STW82103B Datasheet HTML 61Page - STMicroelectronics STW82103B Datasheet HTML 62Page - STMicroelectronics STW82103B Datasheet HTML 63Page - STMicroelectronics STW82103B Datasheet HTML 64Page - STMicroelectronics STW82103B Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
STW82103B
Application information
Doc ID 018517 Rev 2
61/67
11.6
External VCO diversity mode operation with same LO
The STW82103B can be used in Diversity mode using one STW82103B in Master Mode
(RX Chain ON, Synthesizer ON, EXT VCO/LO buffer ON, LO output buffer ON and with an
external VCO) and the other one in Slave Mode (RX Chain ON, Synthesizer OFF and EXT
VCO/LO buffer ON).
Figure 30.
External VCO diversity mode operation with same LO
MIX
DRV
DBUS
RF_IN
RF_CT
RF_IN_S
100
Ω
4:1
IF_S
50
Ω
IF_OUTP
IF_OUTN
STW82103B Slave
IF AMP
5V
DBUS_SEL
SDA/DATA
SCL/CLK
LOAD
EXTVCO_INN
MIXDRV_CT
5V
EXTVCO_INP
EXT
LO/VCO
BUF
RF_VSS
RF_IN
RF_VSS
RF_CT
MIXDRV_CT
MIX
STW82103B Master
RF_IN_M
DRV
5V
IF AMP
DBUS
BUF
DBUS_SEL
SDA/DATA
SCL/CLK
LOAD
LOCK_DET
4:1
IF_M
50
Ω
5V
REXT_CP
REF_CLK
CHP
PFD
UP
DN
PLL
ICP
VCO
BUFF
IF_OUTP
IF_OUTN
EXTERNAL
VCO
EXTVCO_INP
EXTVCO_INN
OUTBUFP
OUTBUFN
LO/2xLO
OUT
50
Ω
50
Ω
3.3V
to DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com