Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 7Page - STMicroelectronics STW82103B Datasheet HTML 8Page - STMicroelectronics STW82103B Datasheet HTML 9Page - STMicroelectronics STW82103B Datasheet HTML 10Page - STMicroelectronics STW82103B Datasheet HTML 11Page - STMicroelectronics STW82103B Datasheet HTML 12Page - STMicroelectronics STW82103B Datasheet HTML 13Page - STMicroelectronics STW82103B Datasheet HTML 14Page - STMicroelectronics STW82103B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
STW82103B
Absolute maximum ratings
Doc ID 018517 Rev 2
11/67
3
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
AVCC1
Analog supply voltage
0 to 4.6
V
AVCC2
Analog supply voltage
0 to 6
V
DVCC
Digital supply voltage
0 to 4.6
V
Tstg
Storage temperature
+150
°C
ESD
(Electro-static discharge)
HBM on pins 16, 17, 31, 32
0.8
kV
HBM on pin 37, 38, 40
1
HBM on all remaining pins
2
CDM-JEDEC Standard on pin 38, 40
0.25
CDM-JEDEC Standard on all remaining pins
0.5
MM
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com