Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 66 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics STW82103B Datasheet HTML 61Page - STMicroelectronics STW82103B Datasheet HTML 62Page - STMicroelectronics STW82103B Datasheet HTML 63Page - STMicroelectronics STW82103B Datasheet HTML 64Page - STMicroelectronics STW82103B Datasheet HTML 65Page - STMicroelectronics STW82103B Datasheet HTML 66Page - STMicroelectronics STW82103B Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Revision history
STW82103B
66/67
Doc ID 018517 Rev 2
19-Apr-2012
2
Added Section 7: Typical performance characteristics.
Section 8.1.9: Voltage controlled oscillators. Modified :
– VCO frequency calibration
– VCO calibration auto-restart feature
– Table 12: VCOB performance against amplitude setting (frequency = 2.8
GHz) values of PN @1 MHz
Table 12: VCOB performance against amplitude setting (frequency = 2.8 GHz),
modified values of linearity performance.
Section 9.3.2: I2C register definitions. Updated description of bitfield CALTYPE
and MUTE_TYPE in registers MUTE_&_CALIBRATION
Added Section 9.4.2: Power ON sequence (I2C interface)
– modified Figure 23: SPI timing waveforms
– modified Table 20: SPI timing parameters minimum values of tclk_loadr and
tclk_loadf.
Section 10.3.2: SPI register definitions: updated
– description of bitfields CALTYPE and MUTE_TYPE in register ST2
– description of bitfield PD[4:0] in register ST3
Added Section 10.4.2: Power ON sequence (SPI interface)
Added Section 12: Evaluation kit.
Table 25.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com