Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 14Page - STMicroelectronics STW82103B Datasheet HTML 15Page - STMicroelectronics STW82103B Datasheet HTML 16Page - STMicroelectronics STW82103B Datasheet HTML 17Page - STMicroelectronics STW82103B Datasheet HTML 18Page - STMicroelectronics STW82103B Datasheet HTML 19Page - STMicroelectronics STW82103B Datasheet HTML 20Page - STMicroelectronics STW82103B Datasheet HTML 21Page - STMicroelectronics STW82103B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Electrical characteristics
STW82103B
18/67
Doc ID 018517 Rev 2
2 x LO output buffer (test purpose only)
FOUT
Frequency range
-
4.4
-
5.1
GHz
POUT
Output level
-
-
0
-
dBm
RL
Return Loss
Matched to 50 ohm
-
10
-
dB
I2LOBUF
Current Consumption
(pin 15, 16, 17)
-
35
-
mA
LO output buffer
FOUT
Frequency range
-
2.2
-
3
GHz
POUT
Output level
-
-
0
-
dBm
RL
Return Loss
Matched to 50ohm
-
10
-
dB
ILOBUF
Current Consumption
(pin 15, 16, 17)
-
30
-
mA
External VCO (LO) buffer
fINVCO
Frequency range
-
2.2
-
3
GHz
PIN
Input level
-
-
0
-
dBm
IEXTBUF
Current Consumption
External VCO Buffer
(pin 4)
-25
-
mA
PLL miscellaneous
IPLL
PLL Current Consumption
Input Buffer, Prescaler,
Digital Dividers, misc.
(pin 24)
-8
-
mA
IPRE
Prescaler input buffer Current
Consumption
(pin 12)
-
3
-
mA
ICP
Charge Pump Current Consumption
CPSEL=[111], REXT_CP
= 4.7 k
Ω (pin 21)
-4
-
mA
tLOCK
Lock up time(5)
25 kHz PLL bandwidth;
within 1ppm of frequency
error
-150
-
µs
1.
The frequency step is related to the PFD input frequency as follows: FSTEP=FPFD/2)
2.
See relationship between ICP and REXT_CP in the Circuit Description section (Charge Pump)
3.
The level of spurs may change depending on PFD frequency, Charge Pump current, selected channel and PLL loop BW.
4.
When setting a specified output frequency, the VCO calibration procedure must be run first in order to select the best
subrange for the VCO covering the desired frequency. Once programmed at the initial temperature T
0 inside the operating
temperature range (-40
° C to +85 ° C), the synthesizer is able to maintain the lock status if the temperature drift (in either
direction) is within the limit specified by
ΔT
LK, provided that the final temperature T1 is still inside the nominal range.
5.
Frequency jump form 2450 to 2300 MHz; it includes the time required by the VCO calibration procedure (7 x FPFD cycles
=17.5 µs with FPFD =400 kHz))
Table 8.
Integer-N synthesizer electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com