Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 129 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 129 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 125Page - STMicroelectronics M24LR16E-R Datasheet HTML 126Page - STMicroelectronics M24LR16E-R Datasheet HTML 127Page - STMicroelectronics M24LR16E-R Datasheet HTML 128Page - STMicroelectronics M24LR16E-R Datasheet HTML 129Page - STMicroelectronics M24LR16E-R Datasheet HTML 130Page - STMicroelectronics M24LR16E-R Datasheet HTML 131Page - STMicroelectronics M24LR16E-R Datasheet HTML 132Page - STMicroelectronics M24LR16E-R Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 143 page
background image
M24LR16E-R
RF electrical parameters
Doc ID 018932 Rev 8
129/143
Figure 81 shows an ASK modulated signal from the VCD to the M24LR16E-R. The test
condition for the AC/DC parameters are:
●
Close coupling condition with tester antenna (1 mm)
●
M24LR16E-R performance measured at the tag antenna
●
M24LR16E-R synchronous timing, transmit and receive
VMAX_1
(3)
RF input voltage amplitude
between AC0 and AC1, GND pad
left floating, VAC0-VAC1 peak to
peak(7)
20
V
VMAX_2
(3)
AC voltage between AC0 and
GND or between AC1 and GND
-1
8.5
V
VMIN_1
(3)
RF input voltage amplitude
between AC0 and AC1, GND pad
left floating, VAC0-VAC1 peak to
peak(7)
Inventory and Read operations
4
4.5
V
Write operations
4.5
5
V
VMIN_2
(3)
AC voltage between AC0 and
GND or between AC1 and GND
Inventory and Read operations
1.8
2
V
Write operations
2
2.2
V
tRF_OFF
RF OFF time
Chip reset
2
ms
1.
TA = –40 to 85 °C. Characterized only.
2.
All timing characterizations were performed between 0 °C and 50 °C on a reference antenna with the following
characteristics:
External size: 75 mm x 48 mm
Number of turns: 5
Width of conductor: 0.5 mm
Space between two conductors: 0.3 mm
Value of the tuning capacitor in SO8: 27.5 pF (M24LR16E-R)
Value of the coil: 5 µH
Tuning frequency: 13.56 MHz.
3.
15% (or more) carrier modulation index offers a better signal/noise ratio and therefore a wider operating range with a better
noise immunity.
4.
Temperature range 0 °C to 90 °C
5.
Characterized on bench.
6.
Characterized only, at room temperature only, measured at VAC0-VAC1 = 1 V peak to peak.
7.
Characterized only, at room temperature only.
Table 124.
RF characteristics(1) (2) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 125.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com