Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 130 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 130 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 126Page - STMicroelectronics M24LR16E-R Datasheet HTML 127Page - STMicroelectronics M24LR16E-R Datasheet HTML 128Page - STMicroelectronics M24LR16E-R Datasheet HTML 129Page - STMicroelectronics M24LR16E-R Datasheet HTML 130Page - STMicroelectronics M24LR16E-R Datasheet HTML 131Page - STMicroelectronics M24LR16E-R Datasheet HTML 132Page - STMicroelectronics M24LR16E-R Datasheet HTML 133Page - STMicroelectronics M24LR16E-R Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 143 page
background image
RF electrical parameters
M24LR16E-R
130/143
Doc ID 018932 Rev 8
Figure 81.
ASK modulated signal
Table 126 below summarizes respectively the minimum AC0-AC1 input power level PAC0-
AC1_min required for the Energy harvesting mode, the corresponding maximum current
consumption Isink_max and variation of the analog voltage Vout for the various Energy
harvesting fan-out configurations defined by bits b0 and b1 of the Configuration byte.
Table 126.
Energy harvesting(1) (2)
1.
Characterized only
2.
Valid from -40 °C to +85 °C
Range
Hmin
(3)
3.
Hmin characterized according to ISO10373-7 test method
Pmin
(4)
4.
Pmin calculated from DC measurements
Vout@I=0
Vout@Isink_max
Isink_max@Pmin
00
3.5 A/m
100 mW
2.7 V min
4.5 V max
1.7 V
6 mA
01
2.4 A/m
66 mW
2.7 V min
4.5 V max
1.9 V
3 mA
10
1.6 A/m
33 mW
2.7 V min
4.5 V max
2.1 V
1 mA
11
1.0 A/m
18 mW
2.7 V min
4.5 V max
2.3 V
300 µA
MS19784V1
AB
tRFF
tRFR
tRFSBL
tMIN CD
fCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com