Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
35
Record mode enables the entire set of Signal Enhancement functions in the ADC path. The direct
DAC path is also active, without any Signal Enhancement functions; this allows basic audio playback
and digital beep generation.
Playback mode enables the entire set of DSP functions in the DAC path. The direct ADC path is also
active, without any DSP functions; this allows basic audio record functions to the host system.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R64 (40h)
SE Config
Selection
3:0
SE_CONFIG
[3:0]
0000
DSP Configuration Mode select
0000 = Record mode
0001 = Playback mode
0010 = Reserved
0011 = Reserved
Table 12 DSP Configuration Mode Select
LOW-PASS / HIGH-PASS FILTER (LPF/HPF)
The Low-pass / High-pass filter is part of the SE1 block. This first-order filter can be configured to be
high-pass or low-pass; it can also be bypassed. The cut-off frequency is programmable; the default
setting is bypass (OFF). The left and right channel parameters may be programmed individually. The
left and right filters are enabled using the SE1_LHPF_L_ENA and SE1_LHPF_R_ENA register bits
defined in Table 13. For the derivation of the other associated registers, refer to the configuration
tools supplied with the WM8948 Evaluation Kit.
Example plots of the Low-pass / High-pass filter response are shown in Figure 14.
1kLPF.res Magnitude(dB)
1kHPF.res Magnitude(dB)
5kLPF.res Magnitude(dB)
5kHPF.res Magnitude(dB)
200LPF.res Magnitude(dB)
200HPF.res Magnitude(dB)
20
39.91
79.62
158.9
317
632.5
1.262k
2.518k
5.024k
10.02k
20k
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
3
Figure 14 Low-pass / High-pass Filter Responses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com