Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
95
If all 3 touch panel channels are selected (using TCH_X_ENA, TCH_Y_ENA and TCH_Z_ENA) then
all 3 Touch Data registers must be read before further measurements are permitted. If fewer
channels are selected, then only those selected channels need to be read before touch panel
measurements are enabled again.
The touch panel inhibit (preventing new touch panel measurements) commences when any of the
Touch Data registers is read. The touch panel inhibit ceases when all selected Touch Data registers
have been read.
The Touch Panel interrupts can be used to indicate when new data is available or if “Pen Down” is
detected - see “Interrupts”. A GPIO pin configured as “TCH_DONE” or “PDOWN” can also be used to
indicate these events - see “General Purpose Input / Output”.
The control fields associated with Touch Panel readback are defined in Table 61.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
Touch Data X
15
TCH_PD1
0
Pen down status (indicates if the
Pen Down was detected prior to the
TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_X [11:0]
000h
Touch panel X-axis data
R58 (3Ah)
Touch Data Y
15
TCH_PD2
0
Pen down status (indicates if the
Pen Down was detected prior to the
TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Y [11:0]
000h
Touch panel Y-axis data
R59 (3Bh)
Touch Data Z
15
TCH_PD3
0
Pen down status (indicates if the
Pen Down was detected prior to the
TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Z [11:0]
000h
Touch panel Z-axis data
Table 61 Touch Panel Readback
TOUCH PANEL OPERATING PRINCIPLES
A typical Touch Panel comprises two conductive sheets, connected via a switch matrix to the Touch
Panel supply voltage. When the Touch Panel is touched (usually with a pen-style pointer), an
electrical contact is made between the two sheets. The switch matrix is used to determine the
position of the pen contact by establishing a potential divider on one of the conductive sheets in
either the X-axis or Y-axis, and measuring the voltage on the other sheet.
Separate configuration is required for each axis measurement; these are configured one after the
other to determine the X and Y co-ordinate positions. Note that, due to the ratiometric measurement
method, the supply voltage does not affect the measurement accuracy in either axis.
Pen Down detection and Z-axis (pressure) measurements are achieved in a similar fashion, by
configuring the switch matrix and taking the appropriate voltage measurement via an ADC.
The Touch Panel interface connects to the Left / Right sides of one sheet and to the Top / Bottom
sides of the other sheet. The illustrations show the top sheet for X-axis and the bottom sheet for Y-
axis, but the reverse is also possible.
X-axis measurement is performed by applying a potential difference between the Left and Right sides
of the touch panel. When contact is made between the two sheets, the voltage present on the Top or
Bottom connections is a measure of the X-axis position of the contact. The configuration is illustrated
in Figure 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com