Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
55
To enable the output PGAs and mixers, the reference voltage VMID and the bias current must also
be enabled. See “Reference Voltages and Master Bias” for details of the associated controls
VMID_SEL and BIAS_ENA.
Note that the Line outputs, Speaker outputs and Speaker PGA mixers are all muted by default. The
required signal paths must be un-muted using the control bits described in the respective tables
below.
LINE OUTPUT MIXER CONTROL
The Line Output mixer controls are described in Table 30 for the Left Channel (MIXOUTL) and Table
31 for the Right Channel (MIXOUTR). These allow any of the DACL/R, Inverted DACL/R, AUX1/2
and one of the ADC Bypass signals to be mixed. The output of each mixer can be muted also, using
the LINEL_MUTE and LINER_MUTE bits.
Care should be taken when mixing more than one path to the Line Output mixers in order to avoid
clipping. The gain of each input path is adjustable using a selectable -6dB control in each path to
facilitate this.
Note that the attenuation control fields DACL_TO_OUTL_ATTEN and DACR_TO_OUTL_ATTEN
control both the DAC and the Inverted DAC mixer paths to the Left Channel output mixer. The
equivalent applies to DACL_TO_OUTR_ATTEN and DACR_TO_OUTR_ATTEN also. Note that the
DAC input levels may also be controlled by the DAC digital volume control - see “Digital to Analogue
Converter (DAC)” for further details.
When the AUX1 or AUX2 pin is used as an audio input, that pin must be configured for audio using
the AUX1_AUDIO or AUX2_AUDIO register bits. These bits are defined in Table 2 (see “Analogue
Input Signal Path”).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
Output ctrl
8
LINEL_MUTE
1
LINEOUTL Output Mute
0 = Disable Mute
1 = Enable Mute
R49 (31h)
Line L mixer
control 1
6
BYPL_TO_OUTL
0
Left Input PGA (ADC bypass) to
Left Output Mixer select
0 = Disabled
1 = Enabled
5
MDACL_TO_
OUTL
0
Inverted Left DAC to Left Output
Mixer select
0 = Disabled
1 = Enabled
4
MDACR_TO_
OUTL
0
Inverted Right DAC to Left Output
Mixer select
0 = Disabled
1 = Enabled
3
DACL_TO_OUTL
0
Left DAC to Left Output Mixer
select
0 = Disabled
1 = Enabled
2
DACR_TO_OUTL
0
Right DAC to Left Output Mixer
select
0 = Disabled
1 = Enabled
1
AUX2_TO_OUTL
0
AUX2 Audio Input to Left Output
Mixer select
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com