Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
30
Figure 12 Digital Microphone Interface Timing
The digital microphone interface control fields are described in Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
7
DMIC_ENA
0
Enables Digital Microphone mode
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital
microphone interface
When DMIC_ENA = 0, the Digital
microphone clock (DMICCLK) is
held low.
Table 6 Digital Microphone Interface Control
ANALOGUE-TO-DIGITAL CONVERTER (ADC)
The WM8948 uses two 24-bit sigma-delta ADCs. The use of multi-bit feedback and high
oversampling rates reduces the effects of jitter and high frequency noise. The ADC full-scale input
level is proportional to LDOVOUT. See “Electrical Characteristics” section for further details. Any
input signal greater than full scale may overload the ADC and cause distortion.
The ADCs and associated digital record filters are enabled by the ADCL_ENA and ADCR_ENA
register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
1
11
ADCR_ENA
0
Right ADC Enable
0 = Disabled
1 = Enabled
ADCR_ENA must be set to 1 when
processing right channel data from
the ADC or Digital Microphone.
10
ADCL_ENA
0
Left ADC Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when
processing left channel data from
the ADC or Digital Microphone.
Table 7 ADC Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com