Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
97
Touch pressure can only be determined indirectly, using the results of two separate measurements.
A constant current is applied through the plates, and the voltage on each plate is measured. The
difference between the two voltages is proportional to the resistance between the plates, which is a
measure of the pressure being applied to the panel.
The configuration is illustrated in Figure 38. In this example, a constant current flows from the Top
(YP) connection to the Left (XN) connection. The Right (XP) and Bottom (YN) points are measured in
turn, and the difference, VX - VY is equal to IP x RC, where IP is the current applied and RC is the
resistance between the plates. The smaller the measured resistance, the greater the pressure being
applied.
WM8948
YP
XP
YN
XN
GND
LDOVDD
AUX
ADC
Pressure
Figure 38 Z-axis (Pressure) Touch Panel Measurement
GENERAL PURPOSE INPUT/OUTPUT
The WM8948 provides four multi-function pins which can be configured to provide a number of
different functions. These are digital input/output pins on the DBVDD power domain. The GPIO pins
are:
GPIO1
CS
¯¯ /GPIO2
CIFMODE/GPIO3
SDOUT/GPIO4
Note that only GPIO1 is a dedicated GPIO pin; the other pins are shared with Control Interface
functions. The pins available for GPIO function depend on the selected Control Interface mode, as
described in Table 62.
CONTROL INTERFACE MODE
GPIO PIN AVAILABILITY
2-wire (I2C)
GPIO1
GPIO2
GPIO3
GPIO4
3-wire (SPI)
GPIO1
GPIO3
GPIO4
4-wire (SPI)
GPIO1
GPIO3
Table 62 GPIO Pin Availability
Note that CIFMODE/GPIO3 pin selects between I2C and SPI Control Interface modes (see “Control
Interface”). To enable GPIO functions on GPIO3, the MODE_GPIO register bit must be set in order
to disconnect this pin from the Control Interface circuit. Setting the MODE_GPIO register bit causes
the Control Interface mode selection to be latched; it will remain latched until a Software Reset or
Power On Reset occurs.
The register fields that control the GPIO pins are described in Table 63.
For each GPIO, the selected function is determined by the GPn_FN field, where n identifies the
GPIO pin (1 to 4). The pin direction, set by GPn_DIR, must be set according to function selected by
GPn_SEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com