Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8948 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 189 page
background image
w
WM8948
Stereo Low-Power CODEC with
Video Buffer and Touch Panel Controller
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, May 2011, Rev 4.1
Copyright
©2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8948 is a highly integrated low power hi-fi CODEC
designed for portable devices such as digital still cameras.
Up to 6 analogue inputs may be connected; a 2-channel digital
microphone interface is also provided. Flexible output mixing
options support single-ended and differential configurations,
with outputs derived from the digital audio paths or from
analogue bypass paths. Twin stereo outputs or stereo line and
mono BTL headphone/speaker drive may be supported.
Flexible digital mixing and powerful DSP functions are available.
Programmable filters and other processes may be applied to
the ADC or DAC signal paths. The DSP functions include 3D-
stereo enhancement, 5 notch filters, 5-band EQ, dynamic range
control and the Wolfson ReTune™ feature.
The ReTune™ feature is a sophisticated digital filter that can
compensate for imperfect characteristics of the housing,
loudspeaker or microphone components in an application. The
ReTune™ algorithm can provide acoustic equalisation and
selective phase (delay) control of specific frequency bands.
The WM8948 is controlled via a I2C or SPI interface. Additional
functions include 4-wire Touch Panel controller, Auxiliary ADC,
Digital beep generator, Video buffer, programmable GPIO
functions, Frequency Locked Loop (FLL) for flexible clocking
support and integrated LDO for low noise supply regulation.
The WM8948 is supplied in 36-ball W-CSP package, ideal for
portable systems.
FEATURES
•
Hi-fi audio CODEC
-
94dB SNR during ADC recording (‘A’ weighted)
-
96dB SNR during DAC playback (‘A’ weighted)
•
6 analogue audio inputs
•
Integrated bias reference for electret microphones
•
2-channel digital microphone interface
•
Powerful digital mixing / DSP functions:
-
3D-stereo enhancement
-
5-notch filters
-
5-band equalizer (EQ)
-
ReTune™ parametric filter
-
Dynamic range control and noise gate
-
Low-pass/High-pass filters
-
Direct Form 1 (DF1) programmable digital filter
•
Digital beep generator
•
4 analogue audio outputs
•
Stereo line output
•
Mono BTL headphone/speaker output driver
•
I2S digital audio interface - sample rates 8kHz to 48kHz
•
Frequency Locked Loop (FLL) frequency conversion / filter
•
Video buffer function
•
4-wire Touch Panel interface controller
•
Auxiliary ADC for DC measurement or battery monitoring
•
Integrated LDO low-noise voltage regulator
•
36-ball W-CSP package (2.96 x 3.06 x 0.7mm, 0.5mm pitch)
APPLICATIONS
•
Digital Still Cameras (DSC)
•
Multimedia phones


Similar Part No. - WM8948

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940 WOLFSON-WM8940 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940CGEFL/RV CIRRUS-WM8940CGEFL/RV Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/V WOLFSON-WM8940CGEFL/V Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
More results

Similar Description - WM8948

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
Stereo CODEC With Speaker Driver and Video Buffer
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
Wolfson Microelectronic...
WM8945 WOLFSON-WM8945 Datasheet
1Mb / 169P
Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
Stereo Low-Power CODEC with Video Buffer
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com