Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
33
ADC HIGH PASS FILTER
A digital high-pass filter can be applied to the ADC path to remove DC offsets. This filter can also be
programmed to remove low frequency noise in handheld applications (e.g. wind noise, handling noise
or mechanical vibration). This filter is controlled using the ADC_HPF and ADC_HPF_CUT register
bits (see Table 10).
Note that the ADC HPF is NOT enabled by default but must be used if DRC_ENA is enabled in
register R29(1Dh) bit 7. The DRC will not function correctly unless this filter is enabled.
When ADC_HPF_CUT=00, the high pass filter is optimised for hi-fi audio modes; the filter is
designed to remove DC offsets without degrading the bass response and has a cut-off frequency of
3.7Hz at fs=44.1kHz.
In the other ADC_HPF_CUT modes. The high pass filter is optimised for voice communication
modes. It is recommended to select a cut-off frequency below 300Hz; the preferred setting may vary
according to the voice communication sample rate. (e.g. ADC_HPF_CUT=11 at fs=8kHz or
ADC_HPF_CUT=10 at fs=16kHz).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
ADC Control 2
2:1
ADC_HPF_CUT
[1:0]
00
High pass filter configuration.
00 = 1st order HPF
(fc=4Hz at fs=48kHz)
01 = 2nd order HPF
(fc=122Hz at fs=48kHz)
10 = 2nd order HPF
(fc=153Hz at fs=48kHz)
11 = 2nd order HPF
(fc=196Hz at fs=48kHz)
(See Table 11 for cut-off
frequencies at all supported sample
rates)
0
ADC_HPF
0
ADC Digital High Pass Filter Enable
0 = Disabled
1 = Enabled
Table 10 ADC High-pass Filter Control Registers
Sample Rate
(kHz)
Value of ADC_HPF_CUT bits
00
01
10
11
Cut-off frequency (Hz)
8.000
0.7
20
26
33
11.025
0.9
28
36
45
16.000
1.3
41
51
66
22.050
1.9
56
71
90
24.000
2.0
61
77
98
32.000
2.7
81
102
131
44.100
3.7
112
141
180
48.000
4.0
122
153
196
Table 11 ADC High-pass Filter Cut-off Frequencies
Filter response plots for the ADC high-pass filter are shown in “Digital Filter Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com