Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
48
DRC INITIAL VALUE
The DRC can be set up to a defined initial condition based on the expected signal level when the
DRC is enabled. This can be set using the DRC_INIT bits in register R35 (23h) bits 4 to 0.
Note: This does NOT set the initial gain of the DRC. It sets the expected signal level of the DRC
input signal when the DRC is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
DRC Control 7
4:0
DRC_INIT
00000
Initial value at DRC startup
00000 = 0dB
00001 = -3.75dB
… (-3.75dB steps)
11111 = -116.25dB
DIGITAL-TO-ANALOGUE CONVERTER (DAC)
The WM8948 DACs receive digital input data from the digital audio interface. (Note that, depending
on the DSP Configuration mode, the digital input may first be processed and filtered in the DSP
Core.) The digital audio data is converted to oversampled bit-streams in the on-chip, true 24-bit
digital interpolation filters. The bit-stream data enters two multi-bit, sigma-delta DACs, which convert
them to high quality analogue audio signals.
The analogue outputs from the DACs can then be mixed with other analogue inputs before being
sent to the analogue output pins (see “Output Signal Path”).
The DACs are enabled by the DACL_ENA and DACR_ENA register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
2
1
DACR_ENA
0
Right DAC Enable
0 = Disabled
1 = Enabled
DACR_ENA must be set to 1 when
processing right channel data from
the DAC or Digital Beep Generator.
0
DACL_ENA
0
Left DAC Enable
0 = Disabled
1 = Enabled
DACR_ENA must be set to 1 when
processing left channel data from
the DAC or Digital Beep Generator.
Table 23 DAC Enable Control
Note: If the WM8948 is to be used in mono mode for playback then the left and right DACs
must both be enabled.
DAC DIGITAL VOLUME CONTROL
The output of the DACs can be digitally amplified or attenuated over a range from -71.625dB to
+23.625dB in 0.375dB steps. The volume of each channel can be controlled separately using
DACL_VOL or DACR_VOL. The DAC Volume is part of the DAC Digital Filters block. The gain for a
given eight-bit code X is given by:
0.375
× (X-192) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The DAC_VU bit controls the loading of digital volume control data. When DAC_VU is set to 0, the
DACL_VOL or DACR_VOL control data is loaded into the respective control register, but does not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to DAC_VU. This makes it possible to update the gain of both channels simultaneously.
The output of the DACs can be digitally muted using the DACL_MUTE or DACR_MUTE bits. Both
DACs are muted simultaneously when the DAC_MUTEALL bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com