Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:5
SYSCLK_DIV
[2:0]
000
SYSCLK Clock divider
(Sets the scaling for either the
MCLK or FLL clock output,
depending on SYSCLK_SRC)
000 = divide by 1
001 = divide by 1.5
010 = divide by 2
011 = divide by 3
100 = divide by 4
101 = divide by 6
110 = divide by 8
111 = divide by 12
4
TOCLK_ENA
0
TOCLK Enabled
(Enables timeout clock for GPIO
level detection, AMU, and PGA zero
cross timeout)
0 = Disabled
1 = Enabled
R7 (07h)
Additional
control
3:0
SR [3:0]
1101
Audio Sample Rate select
0011 = 8kHz
0100 = 11.025kHz
0101 = 12kHz
0111 = 16kHz
1000 = 22.05kHz
1001 = 24kHz
1011 = 32kHz
1100 = 44.1kHz
1101 = 48kHz
Table 50 Clocking and Sample Rate Control
DIGITAL MIC CLOCKING
When any GPIO is configured as DMICCLK output, the WM8948 outputs a clock which supports
Digital Mic operation at the ADC sampling rate. Although the ADC is not used, the SYSCLK and
Sample Rate control fields must still be set as they would for ADC operation.
The clock frequencies for each of the sample rates is shown in Table 51
PCM SAMPLE RATE
DMICCLK
FS RATE
8kHz
1.024MHz
128fs
11.025kHz
1.411MHz
128fs
12kHz
1.536MHz
128fs
16kHz
2.048MHz
128fs
22.05kHz
2.8224MHz
128fs
24kHz
3.072MHz
128fs
32kHz
2.048MHz
64fs
44.1kHz
2.8224MHz
64fs
48kHz
3.072MHz
64fs
Table 51 Digital Microphone Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com