Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
27
The Input PGA volume control register fields are described in Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Left INP PGA
gain ctrl
8
PGA_VU
0
Input PGA Volume Update
Writing a 1 to this bit will cause the
Left and Right Input PGA volumes
to be updated simultaneously.
7
PGAL_ZC
0
Left Input PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
PGAL_MUTE
1
Left Input PGA Mute
0 = Disable Mute
1 = Enable Mute
5:0
PGAL_VOL [5:0]
01_0000
(0dB)
Left Input PGA Volume
00_0000 = -12dB
00_0001 = -11.25dB
…
01_0000 = 0dB
...
11_1111 = +35.25
(See Table 5 for volume range)
R41 (29h)
Right INP PGA
gain ctrl
8
PGA_VU
0
Input PGA Volume Update
Writing a 1 to this bit will cause the
Left and Right Input PGA volumes
to be updated simultaneously.
7
PGAR_ZC
0
Right Input PGA Zero Cross
Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
PGAR_MUTE
1
Right Input PGA Mute
0 = Disable Mute
1 = Enable Mute
5:0
PGAR_VOL
[5:0]
01_0000
(0dB)
Right Input PGA Volume
00_0000 = -12dB
00_0001 = -11.25dB
…
01_0000 = 0dB
...
11_1111 = +35.25
(See Table 5 for volume range)
Table 4 Input PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com