Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
36
3D SURROUND
The 3D-stereo surround effect is part of the SE1 block. This function uses time delays and controlled
cross-talk mechanisms to adjust the depth or width of the stereo audio. The 3D-stereo surround
effect includes programmable high-pass or low-pass filtering to limit the 3D effect to specific
frequency bands if required. The structure of the 3D surround processing is illustrated in Figure 15.
Figure 15 3D Surround Processing
The 3D surround depth is programmable; the default setting is OFF. The 3D surround processing
can also be configured to create a mono mix of the Left and Right channels.
The 3D enhancement is enabled on the left and right channels using the SE1_3D_L_ENA and
SE1_3D_R_ENA register bits defined in Table 13. These bits can be enabled independently of each
other. For the derivation of the other associated registers, refer to the configuration tools supplied
with the WM8948 Evaluation Kit.
5-NOTCH FILTER
The 5-notch filter is part of the SE1 block. This function allows up to 5 programmable frequency
bands to be attenuated. The frequency and width of each notch is configurable; the depth of the
attenuation may also be adjusted. The default setting is bypass (OFF). The notch filters may be
enabled on the left and right channels using the SE1_NOTCH_L_ENA and SE1_NOTCH_R_ENA
register bits defined in Table 13. For the derivation of the other associated registers, refer to the
configuration tools supplied with the WM8948 Evaluation Kit. Note that, although the 5-notch filter
can be enabled on the left/right channels independently, the parameters that define the notch filters
apply equally to the left and right channels, when enabled.
Typical applications for the notch filters are filtering of fixed-frequency noise or resonances; these
might arise from a motor (eg. DSC zoom lens motor) or from characteristics of the application
housing. Example plots of the Notch filter response are shown in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com