Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
AUX_AUX2_SEL
0
AUXADC AUX2 input select
0 = Disable AUX2 measurement
1 = Enable AUX2 measurement
0
AUX_AUX1_SEL
0
AUXADC AUX1 input select
0 = Disable AUX1 measurement
1 = Enable AUX1 measurement
Table 57 AUXADC Control
AUXADC INPUT CONFIGURATION
For inputs AUX1 and AUX2, the AUXADC uses either LDOVDD/2 or the 1.5V (nominal) bandgap as
a reference. This is selected independently for each AUX input, as described in Table 58. Selecting
the bandgap as a reference provides additional immunity to any noise on the supply rails.
The internal bandgap reference is nominally 1.5V. Note that this value is not trimmed and may vary
significantly (+/-10%) between different devices. When using this reference, the internal bandgap
reference must be enabled by setting the BG_ENA register, as described in Table 58.
For SPKVDD measurement, the SPKVDD voltage is connected to a potential divider in order to
reduce it to a suitable level. Two different scaling factors are available, controlled by the
AUX_BATT_SCALE register bit. The scaling factor should be selected such that the scaled output is
less than the maximum measurable level (LDOVDD).
For optimum measurement of the SPKVDD voltage, the SPKVDD potential divider can be connected
to the AUX1 pin, allowing an external capacitor to be used to filter noise from the SPKVDD supply.
This is enabled by setting the AUX_AUX1_FILTB register bit. This option can only be used when
AUX1 is not also used as an input to the AUXADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (36h)
Bandgap
15
BG_ENA
0
Bandgap Reference Control
0 = Disabled
1 = Enabled
R63 (3Fh)
AuxADC
Config
9
AUX_AUX1_
FILTB
0
AUXADC Battery (SPKVDD)
measurement filter control
0 = Disabled
1 = Enabled
When AUX_AUX1_FILTB is set, the
Battery (SPKVDD) measurement
point is connected to the AUX1 pin,
allowing an external capacitor to be
used to filter noise.
8
AUX_BATT_
SCALE
1
AUXADC Battery (SPKVDD)
measurement divider control
0 = 0.45 x SPKVDD
(Note that 0.45 x 3.3V = 1.485V)
1 = 0.41 x SPKVDD
(Note that 0.41 x 3.6V = 1.476V)
1
AUX_AUX2_
REF
0
AUXADC AUX2 reference select
0 = LDOVDD/2
1 = 1.5V (nominal) Bandgap
0
AUX_AUX1_
REF
0
AUXADC AUX1 reference select
0 = LDOVDD/2
1 = 1.5V (nominal) Bandgap
Table 58 AUXADC Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com