Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
114
ACTION
LABEL
REGISTER [BITS]
STARTUP_BIAS_ENA = 0
R7 (07h) [8]
Set VMID divider for normal operation
VMID_SEL = 01
R2 (02h) [1:0]
Power Down:
ACTION
LABEL
REGISTER[BITS]
Mute speaker PGA and DAC
SPKR_PGA_ENA = 1
SPKL_PGA_ENA = 1
SPKR_VOL = 00h
SPKL_VOL = 00h
DACR_MUTE = 1
DACL_MUTE = 1
DACR_VOL = 0
DACL_VOL = 0
R3 (03h) [13]
R3 (03h) [12]
R47 (2Fh) [5:0]
R48 (30h) [5:0]
R24 (18h) [8]
R23 (17h) [8]
R24 (18h) [7:0]
R23 (17h) [7:0]
Select LDO for fast start-up
LDO_REF_SEL_FAST = 1
LDO_BIAS_SRC = 1
R53 (35h) [14]
R53 (35h) [5]
Select VMID for fast start-up
VMID_SEL = 11
VMID_FAST_START =1
BIAS_SRC = 1
VMID_RAMP = 01
R2 (02h) [1:0]
R7 (07h) [11]
R7 (07h) [7]
R7 (07h) [6:5]
Disabled VMID
Delay 500ms for VMID to discharge
VMID_ENA = 0
R7 (07h) [4]
Discharge outputs
Delay 50ms for outputs to discharge
SPKR_DISCH = 1
SPKL_DISCH = 1
LINER_DISCH = 1
LINEL_DISCH = 1
R42 (2Ah) [7]
R42 (2Ah) [6]
R42 (2Ah) [5]
R42 (2Ah) [4]
Mute outputs
LINER_MUTE = 1
LINEL_MUTE = 1
SPKR_OP_MUTE = 1
SPKL_OP_MUTE = 1
R42 (2Ah) [9]
R42 (2Ah) [8]
R03 (03h) [9]
R03 (03h) [8]
Disable power to speaker driver (must be
done before disabling the speaker
outputs)
SPKR_SPKVDD_ENA = 1
SPKL_SPKVDD_ENA = 1
R3 (03h) [11]
R3 (03h) [10]
Disable speaker outputs
SPKN_OP_ENA = 1
SPKP_OP_ENA = 1
R3 (03h) [7]
R3 (03h) [6]
Reset
SW_RESET
R0 (00h) [15:0]
Turn off external power supply voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com