Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
126
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h)
Clock Gen
control
15
OSC_CLK_EN
A
0
Oscillator Enable
0 = Disabled
1 = Enabled
This needs to be set when doing AUXADC
measurements, or when a timeout clock is required for
PGA zero cross or GPIO input detection
14:13
MCLK_PULL
[1:0]
00
MCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
CLKOUT_SEL
0
CLKOUT Source Select
0 = SYSCLK
1 = FLL or MCLK (set by SYSCLK_SRC register)
11:10
CLKOUT_DIV
[1:0]
00
CLKOUT Clock divider
00 = divide by 1
01 = divide by 2
10 = divide by 4
11 = divide by 8
9
SYSCLK_ENA
0
SYSCLK Enable
0 = Disabled
1 = Enabled
8
SYSCLK_SRC
1
SYSCLK Source Select
0 = MCLK
1 = FLL output
7:5
SYSCLK_DIV
[2:0]
000
SYSCLK Clock divider
(Sets the scaling for either the MCLK or FLL clock
output, depending on SYSCLK_SRC)
000 = divide by 1
001 = divide by 1.5
010 = divide by 2
011 = divide by 3
100 = divide by 4
101 = divide by 6
110 = divide by 8
111 = divide by 12
4
TOCLK_ENA
0
TOCLK Enabled
(Enables timeout clock for GPIO level detection, AMU,
and PGA zero cross timeout)
0 = Disabled
1 = Enabled
3:1
BCLK_DIV[2:0]
011
BCLK Frequency (Master mode)
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 4
011 = SYSCLK / 8
100 = SYSCLK / 16
101 = SYSCLK / 32
110 = reserved
111 = reserved
0
MSTR
0
Digital Audio Interface Mode select
0 = Slave mode
1 = Master mode
Register 06h Clock Gen control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com