Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
148
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = Enabled
2
DACR_TO_PG
AR
0
Right DAC to Right Speaker PGA Mixer select
0 = Disabled
1 = Enabled
1
AUX2_TO_PG
AR
0
AUX2 Audio Input to Right Speaker PGA Mixer select
0 = Disabled
1 = Enabled
0
AUX1_TO_PG
AR
0
AUX1 Audio Input to Right Speaker PGA Mixer select
0 = Disabled
1 = Enabled
Register 2Ch SPK mixer control2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R45 (2Dh)
SPK mixer
control3
8
AUX1_TO_SP
KL_ATTEN
0
AUX1 Audio Input to Left Speaker Output attenuation
0 = 0dB
1 = -6dB attenuation
7
PGAL_TO_SP
KL_ATTEN
0
Left Speaker PGA Mixer to Left Speaker Output
attenuation
0 = 0dB
1 = -6dB attenuation
6
BYPL_TO_PG
AL_ATTEN
0
Left Input PGA (ADC bypass) to Left Speaker PGA
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
3
DACL_TO_PG
AL_ATTEN
0
Left DAC to Left Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
2
DACR_TO_PG
AL_ATTEN
0
Right DAC to Left Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
1
AUX2_TO_PG
AL_ATTEN
0
AUX2 Audio Input to Left Speaker PGA Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
0
AUX1_TO_PG
AL_ATTEN
0
AUX1 Audio Input to Left Speaker PGA Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
Register 2Dh SPK mixer control3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com