Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 153 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 153 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 157Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
153
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R54 (36h)
Bandgap
15
BG_ENA
0
Bandgap Reference Control
0 = Disabled
1 = Enabled
4:0
BG_VSEL[4:0]
0_1010
Bandgap Voltage select
(Sets the Bandgap voltage)
00000 = 1.200V
… 26.7mV steps
01010 = 1.467V (default)
…
01111 = 1.600V
10000 to 11111 = reserved
(See Table 39 for values)
Register 36h Bandgap
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R55 (37h)
Touch
Control 1
15
TCH_ENA
0
Touch Panel Enable
0 = Disabled
1 = Enabled
14
TCH_CVT_EN
A
0
Touch Panel Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are enabled by setting
this bit.
In manual mode (TCH_RATE = 0), setting this bit will
initiate a set of conversion; the bit is reset
automatically.
10
TCH_Z_ENA
0
Enables Z-axis touch panel measurements.
0 = Disabled
1 = Enabled
9
TCH_Y_ENA
0
Enables Y-axis touch panel measurements
0 = Disabled
1 = Enabled
8
TCH_X_ENA
0
Enables X-axis touch panel measurements
0 = Disabled
1 = Enabled
7:5
TCH_DELAY
[2:0]
000
Settling time between X, Y and Z measurements.
(Nominal timing only; typically +/-20% of quoted
values.)
000 = 30us
001 = 60us
010 = 120us
011 = 240us
100 = 480us
101 = 960us
110 = 1920us
111 = 3840us
4:0
TCH_RATE
[4:0]
0_0000
Touch Panel Rate
0_0000 = Manual conversion
0_0001 = 16kHz
0_0010 = 32kHz
…(16kHz steps)
1_1111 = 496kHz
Register 37h Touch Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com