Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 16 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 16 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 12Page - ITT Industries DAMMN7H2SN Datasheet HTML 13Page - ITT Industries DAMMN7H2SN Datasheet HTML 14Page - ITT Industries DAMMN7H2SN Datasheet HTML 15Page - ITT Industries DAMMN7H2SN Datasheet HTML 16Page - ITT Industries DAMMN7H2SN Datasheet HTML 17Page - ITT Industries DAMMN7H2SN Datasheet HTML 18Page - ITT Industries DAMMN7H2SN Datasheet HTML 19Page - ITT Industries DAMMN7H2SN Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
15
D Subminiature
90
° PCB Selection Guide
Specifications
Temperature
Rating
−55°C to 125°C
Current Rating 7.5 A
Contact
Resistance 55 millivolt max. at 7.5 A test
current
Dielectric
Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None (Color: dark green)
Pin Contact
Copper Alloy
Gold over Nickel
Socket Contact
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Hardware (except Boardlocks)
Steel
Tin
Boardlocks
Copper Alloy
Tin
Specifications
Temperature
Rating
−55°C to 105°C
Current Rating 5 A
Contact
Resistance 15 m
Dielectric
Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Specifications
Temperature
Rating
−55°C to 105°C
Current Rating 5 A
Contact
Resistance 15 m
Dielectric
Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Specifications
Temperature
Rating
−55°C to +125°C
Current Rating 5 A
Contact
Resistance 10 m
Dielectric
Withstanding
Voltage 1250 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None (Color: dark green)
Contacts
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Hardware
Steel or Plastic
Tin or None
Boardlocks
Copper Alloy
Tin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com