Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 73 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 73 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 69Page - ITT Industries DAMMN7H2SN Datasheet HTML 70Page - ITT Industries DAMMN7H2SN Datasheet HTML 71Page - ITT Industries DAMMN7H2SN Datasheet HTML 72Page - ITT Industries DAMMN7H2SN Datasheet HTML 73Page - ITT Industries DAMMN7H2SN Datasheet HTML 74Page - ITT Industries DAMMN7H2SN Datasheet HTML 75Page - ITT Industries DAMMN7H2SN Datasheet HTML 76Page - ITT Industries DAMMN7H2SN Datasheet HTML 77Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
72
E
A
C
B
D
2,92
(.115)
6,50
± 0,25
(.256
± .010)
7,62
± 0,25
(.300
± .010)
BOARDLOCK
Ø 3,18
(.125)
Ø 0,60
(.024)
4,65
(.183)
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
2,84
(.112)
5,69
(.224)
L
W
F
D Subminiature
Combo D
40 A High Power Straight — European PC Tails (Size DD)
Screw lock, boardlock, and high power
contact removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 256.
For panel cutouts, see page 221.
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMV24H7PYK87
DDMZ24H7PYK87
DDMN24H7PYK87
DD
36W4
DDMV36H4PYK87
DDMZ36H4PYK87
DDMN36H4PYK87
DD
43W2
DDMV43H2PYK87
DDMZ43H2PYK87
DDMN43H2PYK87
DD
47W1
DDMV47H1PYK87
DDMZ47H1PYK87
DDMN47H1PYK87
For M3 threads replace MV with MT, MZ with MQ, MN with MU.
Notes: For tin plated PC tails add A226 (signal contacts only). Example DDMV24H7PYK87A226
For performance class 2 substitute K127 for K87. Example: DDMV24H7PYK127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com