Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 84 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 84 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 80Page - ITT Industries DAMMN7H2SN Datasheet HTML 81Page - ITT Industries DAMMN7H2SN Datasheet HTML 82Page - ITT Industries DAMMN7H2SN Datasheet HTML 83Page - ITT Industries DAMMN7H2SN Datasheet HTML 84Page - ITT Industries DAMMN7H2SN Datasheet HTML 85Page - ITT Industries DAMMN7H2SN Datasheet HTML 86Page - ITT Industries DAMMN7H2SN Datasheet HTML 87Page - ITT Industries DAMMN7H2SN Datasheet HTML 88Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
83
Loose Contacts
Stamped contacts with insulation support are
supplied loose for use with hand crimp tooling.
Two sizes are available to accommodate wire
ranges 20 - 26 AWG.
D Subminiature
Combo D
Crimp (Size 20) Contacts
Tooling
Hand Crimp Tool
Description
Part Number
CCT-D*A-1
995-2000-000
Extraction Tool
Description
Part Number
Wire Size
CIET-D*A-20-24
980-0008-135
20-24 AWG
CIET-D*A-24-26
980-0008-136
24-26 AWG
For semi-automatic tooling, see page 275.
CCT-D*A-1
Pin Contact
Socket Contact
Finish
30 inches Gold over Nickel
For tooling, see this page.
Part Number
Pin Contact
24-26 AWG
20-24 AWG
030-2487-017
030-2487-016
Part Number
Socket Contact
24-26 AWG
20-24 AWG
030-2488-017
030-2488-016
Reeled Contacts (5,000 Pieces per Reel)
Stamped contacts with insulation support are
supplied on reels of 5,000 for use with semi-
automatic strip and crimp machines. Two sizes are
available to accommodate wire ranges 20 - 26
AWG.
Pin Contacts
Socket Contacts
Finish
Gold over Nickel
30 inches Gold over Nickel
For semi-automatic tooling, see page 275.
Part Number
Pin Contact
24-26 AWG
20-24 AWG
980-2000-925
980-2000-924
980-2000-946
980-2000-945
Part Number
Socket Contact
24-26 AWG
20-24 AWG
980-2000-926
980-2000-923
980-2000-944
980-2000-943
Pin Contacts
Socket Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com