Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 30 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 30 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 26Page - ITT Industries DAMMN7H2SN Datasheet HTML 27Page - ITT Industries DAMMN7H2SN Datasheet HTML 28Page - ITT Industries DAMMN7H2SN Datasheet HTML 29Page - ITT Industries DAMMN7H2SN Datasheet HTML 30Page - ITT Industries DAMMN7H2SN Datasheet HTML 31Page - ITT Industries DAMMN7H2SN Datasheet HTML 32Page - ITT Industries DAMMN7H2SN Datasheet HTML 33Page - ITT Industries DAMMN7H2SN Datasheet HTML 34Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
29
D Subminiature
ZD*
90
° Solder Termination (Stamped) — European Footprint 10,2 mm
Part Numbers
Shell Size
Layout
Plastic Bracket,
Integrated Grounding
Strap, Boardlock,
Threaded Insert
#4-40 UNC
Plastic Bracket,
Integrated Grounding
Strap, Boardlock,
Screw Lock
#4-40 UNC
DE
9
ZDEL9S-1AKN-146
ZDE9S-1AKN-146
DA
15
ZDAL15S-1AKN-146
ZDA15S-1AKN-146
DB
25
ZDBL25S-1AKN-146
ZDB25S-1AKN-146
DC
37
ZDCL37S-1AKN-146
ZDC37S-1AKN-146
Note: For contacts with -A191 microinches gold add -A191. Example: ZDEL9S-1AKN-A191-146
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,25 (.010)
C
±0,13 (.005)
DE
30,89 (1.216)
16,33 (.643)
24,99 (.984)
DA
39,09 (1.539)
24,66 (.971)
33,32 (1.312)
DB
53,09 (2.090)
38,38 (1.511)
47,04 (1.852)
DC
69,40 (2.732)
54,84 (2.159)
63,50 (2.500)
Receptacle
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
2X GROUNDING HOOK
10
°
B
A
C
8,15 - 7,65
(.321 - .301)
12,93 - 12,17
(.509 - .479)
1,00 (.039)
9,77 - 9,27
( .385 - .365)
2X SCREW LOCK
#4-40 UNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com