Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 31 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 31 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 27Page - ITT Industries DAMMN7H2SN Datasheet HTML 28Page - ITT Industries DAMMN7H2SN Datasheet HTML 29Page - ITT Industries DAMMN7H2SN Datasheet HTML 30Page - ITT Industries DAMMN7H2SN Datasheet HTML 31Page - ITT Industries DAMMN7H2SN Datasheet HTML 32Page - ITT Industries DAMMN7H2SN Datasheet HTML 33Page - ITT Industries DAMMN7H2SN Datasheet HTML 34Page - ITT Industries DAMMN7H2SN Datasheet HTML 35Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
30
D Subminiature
Cable Selection Guide
D* — Solder Cup Termination (Machined) with Tin Shells
D* solder cup connectors are used for cable or
panel mount wiring applications. Solder cup
connectors provide maximum flexibility and
performance for applications requiring discrete
solder terminations and field repair without
termination tooling.
Product Features
Machined solder cup termination, 5 A current
capacity
High performance commercial class
connectors
Two contact performance classes
Optional clinch nuts with #4-40 UNC or M3
threads
ZD* — Solder Cup Termination (Stamped) with Tin Shells
ZD* solder cup connectors are used for cable or
panel mount wiring applications. Solder cup
connectors provide maximum flexibility and
performance for applications requiring discrete
solder terminations.
Product Features
Stamped solder cup termination, 5 A current
capacity
Economical
D*A — Crimp Connectors without Contacts
D*A crimp contact connectors are designed for
reliable, fast cabling. Available in the industry
standard D*A housing, the connectors provide a
low-cost, quick cabling alternative compared to
soldering.
Product Features
Crimp contacts available in reels of 5,000
Application tooling:
– Hand or automatic
– Stripper crimper
D*W — Discrete Wire IDC
The D*W connector provides insulation
displacement connection technology for either
solid or stranded wires. With D*W, speed of
cabling is increased significantly over solder cup
or crimp solutions. Contacts are easily removable
and replaceable. Several specialized accessories
(including shield cans, ferrules, and plastic boots)
are available to provide a complete product
solution.
Product Features
Quick harnessing capability with simple hand
or semi-automatic tooling
Accepts 30 AWG to 20 AWG wire; sizes can
be mixed
Shield cans insure reliable shielding continuity
See pages 32-33.
See pages 34-35.
See pages 36-37.
See pages 38-41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com