Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 28 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 28 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 24Page - ITT Industries DAMMN7H2SN Datasheet HTML 25Page - ITT Industries DAMMN7H2SN Datasheet HTML 26Page - ITT Industries DAMMN7H2SN Datasheet HTML 27Page - ITT Industries DAMMN7H2SN Datasheet HTML 28Page - ITT Industries DAMMN7H2SN Datasheet HTML 29Page - ITT Industries DAMMN7H2SN Datasheet HTML 30Page - ITT Industries DAMMN7H2SN Datasheet HTML 31Page - ITT Industries DAMMN7H2SN Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
27
D Subminiature
D*
90
° Solder Termination (Machined) with Plastic Bracket — European Footprint 10,2 or 9,4 mm
Part Numbers
Shell Size
Layout
Through Hole
Captive Nut
#4-40 UNC
Captive Nut
M3
Post
#4-40 UNC
DE
9
DE9S-1A5N-A197
DE9S-1AUN-A197
DE9S-1ATN-A197
DE9S-1A6N-A197
DA
15
DA15S-1A5N-A197
DA15S-1AUN-A197
DA15S-1ATN-A197
DA15S-1A6N-A197
DB
25
DB25S-1A5N-A197
DB25S-1AUN-A197
DB25S-1ATN-A197
DB25S-1A6N-A197
DC
37
DC37S-1A5N-A197
DC37S-1AUN-A197
DC37S-1ATN-A197
DC37S-1A6N-A197
DD
50
DD50S-1A5N-A197
DD50S-1AUN-A197
DD50S-1ATN-A197
DD50S-1A6N-A197
Notes: For push/boardlock option add -146. Example: DE9S-1A5N-A197-146
For performance class 2 add -A191. Example: DE9S-1A5N-A191-A197
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Receptacle
E
C
B
A
D
10
°
Ø 0,60 (.024)
1,00 (.039)
5,08 (.200)
2,54 (.100)
9,40 (.370)
3,70 (.146)
L
DD Configuration
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
BRACKET,
PLASTIC
2,54 (.100)
W
F
9,40 (.370)
3,70 (.146)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com