Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 95 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 95 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 91Page - ITT Industries DAMMN7H2SN Datasheet HTML 92Page - ITT Industries DAMMN7H2SN Datasheet HTML 93Page - ITT Industries DAMMN7H2SN Datasheet HTML 94Page - ITT Industries DAMMN7H2SN Datasheet HTML 95Page - ITT Industries DAMMN7H2SN Datasheet HTML 96Page - ITT Industries DAMMN7H2SN Datasheet HTML 97Page - ITT Industries DAMMN7H2SN Datasheet HTML 98Page - ITT Industries DAMMN7H2SN Datasheet HTML 99Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
94
D Subminiature
Combo D
PCB (Size 8) Loose Contacts — High Voltage — Straight
Plug
Part Number
Gold over Ni
Part Number
50 in. Gold
DM51157-13
DM51157-14
15,95 (.628)
REF
5,94 - 5,44
(.234 - .214)
1,52 - 1,27
(.060 - .050)
Ø 3,68 - 3,53
(.145 -.139)
Ø 1,65 - 1,50
(.065 - .059)
Ø 5,72 - 5,33
(.225 - .210)
Ø 4,88 (.192)
MAX
CONTACT, PIN
INSULATOR
RING, RETAINING
16,76 (.660)
REF
6,48 - 6,22
(.255 - .245)
0,25 - 0,00
(.010 - .000)
Ø 1,65 - 1,50
(.065 - .059)
Ø 5,72 - 5,33
(.225 - .210)
Ø 4,88 (.192)
MAX
CONTACT, SKT
INSULATOR
RING, RETAINING
Receptacle
Part Number
Gold over Ni
Part Number
50 in. Gold
DM51155-12
DM51155-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com