Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 52 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 52 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 48Page - ITT Industries DAMMN7H2SN Datasheet HTML 49Page - ITT Industries DAMMN7H2SN Datasheet HTML 50Page - ITT Industries DAMMN7H2SN Datasheet HTML 51Page - ITT Industries DAMMN7H2SN Datasheet HTML 52Page - ITT Industries DAMMN7H2SN Datasheet HTML 53Page - ITT Industries DAMMN7H2SN Datasheet HTML 54Page - ITT Industries DAMMN7H2SN Datasheet HTML 55Page - ITT Industries DAMMN7H2SN Datasheet HTML 56Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
51
D Subminiature
Combo D
Coaxial 90
° — European Footprint 10,2 or 9,4 mm
(Sizes DE-DC)
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
E
A
C
B
10
°
Ø 0,60
(.024)
0,82
(.032)
2,92
(.115)
D
BOARDLOCK
1,00 (.039)
6,50
± 0,25
(.256
± .010)
10,85
(.427)
14,55
(.573)
BRACKET,
METAL
RIVNUT
#4-40 UNC
SCREW LOCK
Ø 0,51
(.020)
2,89 (.113) MIN
2.54
(.100)
0,56
(.023)
11,94
± 0,33
(.470
± .013)
L
4,00 (.157)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 236-237.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
75 Ohm Part Numbers* with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5C1SVA197
DEMC5C1SVA197
DEMD5C1SVA197
DEMG5C1SVA197
DA
7W2
DAMP7C2SVA197
DAMC7C2SVA197
DAMD7C2SVA197
DAMG7C2SVA197
DA
11W1
DAMP11C1SVA197
DAMC11C1SVA197
DAMD11C1SVA197
DAMG11C1SVA197
DA
3W3
DAMP3C3SVA197
DAMC3C3SVA197
DAMD3C3SVA197
DAMG3C3SVA197
DA
3WK3
DAMP3CK3SVA197TM
DAMC3CK3SVA197TM
DAMD3CK3SVA197TM
DAMG3CK3SVA197TM
DB
5W5
DBMP5C5SVA197
DBMC5C5SVA197
DBMD5C5SVA197
DBMG5C5SVA197
DB
9W4
DBMP9C4SVA197
DBMC9C4SVA197
DBMD9C4SVA197
DBMG9C4SVA197
DB
13W3
DBMP13C3SVA197
DBMC13C3SVA197
DBMD13C3SVA197
DBMG13C3SVA197
DB
17W2
DBMP17C2SVA197
DBMC17C2SVA197
DBMD17C2SVA197
DBMG17C2SVA197
DB
21W1
DBMP21C1SVA197
DBMC21C1SVA197
DBMD21C1SVA197
DBMG21C1SVA197
DC
8W8
DCMP8C8SVA197
DCMC8C8SVA197
DCMD8C8SVA197
DCMG8C8SVA197
DC
13W6
DCMP13C6SVA197
DCMC13C6SVA197
DCMD13C6SVA197
DCMG13C6SVA197
DC
17W5
DCMP17C5SVA197
DCMC17C5SVA197
DCMD17C5SVA197
DCMG17C5SVA197
DC
21WA4
DCMP21CA4SVA197
DCMC21CA4SVA197
DCMD21CA4SVA197
DCMG21CA4SVA197
DC
25W3
DCMP25C3SVA197
DCMC25C3SVA197
DCMD25C3SVA197
DCMG25C3SVA197
DC
27W2
DCMP27C2SVA197
DCMC27C2SVA197
DCMD27C2SVA197
DCMG27C2SVA197
For M3 threads replace MP with MS, MC with ML, MD with MO, MG with MJ.
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMP5X1SVA197
For performance class 2 substitute K126 for A197. Example: DEMP5C1SVK126
For DD shell sizes (standard footprint) see page 47.
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com