Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 75 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 75 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 71Page - ITT Industries DAMMN7H2SN Datasheet HTML 72Page - ITT Industries DAMMN7H2SN Datasheet HTML 73Page - ITT Industries DAMMN7H2SN Datasheet HTML 74Page - ITT Industries DAMMN7H2SN Datasheet HTML 75Page - ITT Industries DAMMN7H2SN Datasheet HTML 76Page - ITT Industries DAMMN7H2SN Datasheet HTML 77Page - ITT Industries DAMMN7H2SN Datasheet HTML 78Page - ITT Industries DAMMN7H2SN Datasheet HTML 79Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
74
D Subminiature
Combo D
90
° PC Tail — European Footprint 10,2 or 9,4 mm
(Sizes DE-DD)
Part Numbers
Shell Size
Layout
Part Number
Without Hardware
Part Number
Metal Bracket With #4-40 Nut
DE
5W1
DEM-5W1P-1A0N-K87
DEM-5W1P-1A7N-K87
DA
7W2
DAM-7W2P-1A0N-K87
DAM-7W2P-1A7N-K87
DA
11W1
DAM-11W1P-1A0N-K87
DAM-11W1P-1A7N-K87
DA
3W3
DAM-3W3P-1A0N-K87
DAM-3W3P-1A7N-K87
DA
3WK3
DAM-3WK3P-1A0N-K87
DAM-3WK3P-1A7N-K87
DB
5W5
DBM-5W5P-1A0N-K87
DBM-5W5P-1A7N-K87
DB
9W4
DBM-9W4P-1A0N-K87
DBM-9W4P-1A7N-K87
DB
13W3
DBM-13W3P-1A0N-K87
DBM-13W3P-1A7N-K87
DB
17W2
DBM-17W2P-1A0N-K87
DBM-17W2P-1A7N-K87
DB
21W1
DBM-21W1P-1A0N-K87
DBM-21W1P-1A7N-K87
DC
8W8
DCM-8W8P-1A0N-K87
DCM-8W8P-1A7N-K87
DC
13W6
DCM-13W6P-1A0N-K87
DCM-13W6P-1A7N-K87
DC
17W5
DCM-17W5P-1A0N-K87
DCM-17W5P-1A7N-K87
DC
21WA4
DCM-21WA4P-1A0N-K87
DCM-21WA4P-1A7N-K87
DC
25W3
DCM-25W3P-1A0N-K87
DCM-25W3P-1A7N-K87
DC
27W2
DCM-27W2P-1A0N-K87
DCM-27W2P-1A7N-K87
DD
24W7
DDM-24W7P-1A0N-K87
DDM-24W7P-1A7N-K87
DD
36W4
DDM-36W4P-1A0N-K87
DDM-36W4P-1A7N-K87
DD
43W2
DDM-43W2P-1A0N-K87
DDM-43W2P-1A7N-K87
DD
47W1
DDM-47W1P-1A0N-K87
DDM-47W1P-1A7N-K87
Note: Performance class 3 standard, for performance class 2 add -A191. Example: DEM-5W1P-1A0N-A191-K87
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Plug
Engaging Face
DD Configuration
10
°
A
C
E
D
B
Ø 0,60
(.024)
Ø 3,05
(.120)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
5,00
(.197)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
K
L
5,08
(.200)
5,00
(.197)
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 260-262.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com