Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 55 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 55 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 51Page - ITT Industries DAMMN7H2SN Datasheet HTML 52Page - ITT Industries DAMMN7H2SN Datasheet HTML 53Page - ITT Industries DAMMN7H2SN Datasheet HTML 54Page - ITT Industries DAMMN7H2SN Datasheet HTML 55Page - ITT Industries DAMMN7H2SN Datasheet HTML 56Page - ITT Industries DAMMN7H2SN Datasheet HTML 57Page - ITT Industries DAMMN7H2SN Datasheet HTML 58Page - ITT Industries DAMMN7H2SN Datasheet HTML 59Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
54
D Subminiature
Combo D
Coaxial Straight — Standard PC Tails (Size DD)
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMV24C7PNK87
DDMZ24C7PNK87
DDMN24C7PNK87
DD
36W4
DDMV36C4PNK87
DDMZ36C4PNK87
DDMN36C4PNK87
DD
43W2
DDMV43C2PNK87
DDMZ43C2PNK87
DDMN43C2PNK87
DD
47W1
DDMV47C1PNK87
DDMZ47C1PNK87
DDMN47C1PNK87
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DDMV24X7PNK87
For contacts with 30 microinches gold substitute K127 for K87. Example: DDMN24C7PNK127
Hardware and signal contacts
removed for clarity
Hardware and coaxial contact
removed for clarity
A
C
B
10
°
E
D
Ø 0,76
(.030)
0,82
(.032)
3,45
(.136)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
0,62
(.024)
Ø 0,51
(.020)
2,54
(.100)
L
W
F
5,69
(.224)
2,84
(.112)
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 240.
For panel cutouts, see page 221.
For alternate 50 Ohm coaxial configuration,
see page 225.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com