Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 64 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 64 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 60Page - ITT Industries DAMMN7H2SN Datasheet HTML 61Page - ITT Industries DAMMN7H2SN Datasheet HTML 62Page - ITT Industries DAMMN7H2SN Datasheet HTML 63Page - ITT Industries DAMMN7H2SN Datasheet HTML 64Page - ITT Industries DAMMN7H2SN Datasheet HTML 65Page - ITT Industries DAMMN7H2SN Datasheet HTML 66Page - ITT Industries DAMMN7H2SN Datasheet HTML 67Page - ITT Industries DAMMN7H2SN Datasheet HTML 68Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
63
D Subminiature
Combo D
40 A High Power 90
° — Standard Footprint .489 or .454 inch
(Size DD)
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMP24H7SJA197
DDMC24H7SJA197
DDMD24H7SJA197
DDMG24H7SJA197
DD
36W4
DDMP36H4SJA197
DDMC36H4SJA197
DDMD36H4SJA197
DDMG36H4SJA197
DD
43W2
DDMP43H2SJA197
DDMC43H2SJA197
DDMD43H2SJA197
DDMG43H2SJA197
DD
47W1
DDMP47H1SJA197
DDMC47H1SJA197
DDMD47H1SJA197
DDMG47H1SJA197
Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DDMP24H7SJK126
Ø 0,76
(.030)
Ø 3,18
(.125)
2,92
(.115)
D
BOARDLOCK
10
°
A
C
B
E
13,74
(.541) 10,06
(.396)
6,50
± 0,25
(.256
± .010)
SCREW LOCK
#4-40 UNC
RIVNUT
#4-40 UNC
BRACKET,
METAL
20,57
± 0,38
(.810
± .015)
L
3,89 (.153)
MIN
5,68
(.224)
2,84
(.112)
F
W
11,53
± 0,25
(.454
± .010)
4,33
± 0,38
(.170
± .015)
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 249.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration, see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com