Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 72 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 72 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 68Page - ITT Industries DAMMN7H2SN Datasheet HTML 69Page - ITT Industries DAMMN7H2SN Datasheet HTML 70Page - ITT Industries DAMMN7H2SN Datasheet HTML 71Page - ITT Industries DAMMN7H2SN Datasheet HTML 72Page - ITT Industries DAMMN7H2SN Datasheet HTML 73Page - ITT Industries DAMMN7H2SN Datasheet HTML 74Page - ITT Industries DAMMN7H2SN Datasheet HTML 75Page - ITT Industries DAMMN7H2SN Datasheet HTML 76Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
71
10
°
E
B
C
A
D
6,50
± 0,25
(.256
± .010)
7,62
± 0,25
(.300
± .010)
2,92
(.115)
Ø 0,60
(.024)
Ø 3,18
(.125)
BOARDLOCK
4,65
(.183)
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
2,84
(.112)
L
W
F
D Subminiature
Combo D
40 A High Power Straight — European PC Tails (Sizes DE-DC)
Screw lock, boardlock, and high power contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 257-258.
For panel cutouts, see page 221.
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5H1SYA197
DEMZ5H1SYA197
DEMN5H1SYA197
DA
7W2
DAMV7H2SYA197
DAMZ7H2SYA197
DAMN7H2SYA197
DA
11W1
DAMV11H1SYA197
DAMZ11H1SYA197
DAMN11H1SYA197
DA
3W3
DAMV3H3SYA197
DAMZ3H3SYA197
DAMN3H3SYA197
DA
3WK3
DAMV3HK3SYA197TM
DAMZ3HK3SYA197TM
DAMN3HK3SYA197TM
DB
5W5
DBMV5H5SYA197
DBMZ5H5SYA197
DBMN5H5SYA197
DB
9W4
DBMV9H4SYA197
DBMZ9H4SYA197
DBMN9H4SYA197
DB
13W3
DBMV13H3SYA197
DBMZ13H3SYA197
DBMN13H3SYA197
DB
17W2
DBMV17H2SYA197
DBMZ17H2SYA197
DBMN17H2SYA197
DB
21W1
DBMV21H1SYA197
DBMZ21H1SYA197
DBMN21H1SYA197
DC
8W8
DCMV8H8SYA197
DCMZ8H8SYA197
DCMN8H8SYA197
DC
13W6
DCMV13H6SYA197
DCMZ13H6SYA197
DCMN13H6SYA197
DC
17W5
DCMV17H5SYA197
DCMZ17H5SYA197
DCMN17H5SYA197
DC
21WA4
DCMV21HA4SYA197
DCMZ21HA4SYA197
DCMN21HA4SYA197
DC
25W3
DCMV25H3SYA197
DCMZ25H3SYA197
DCMN25H3SYA197
DC
27W2
DCMV27H2SYA197
DCMZ27H2SYA197
DCMN27H2SYA197
For M3 threads replace MV with MT, MZ with MQ, MN with MU.
Notes: For performance class 2 substitute K126 for A197. Example: DEMV5H1SYK126
For DD shell sizes, see page 73.
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com