Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 14 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 14 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd EMPROT Datasheet HTML 15Page - rfsolutions.ltd EMPROT Datasheet HTML 16Page - rfsolutions.ltd EMPROT Datasheet HTML 17Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ib technology
14
Weigand 26 bit sequence:-
E
(b0 --------- b11) (b12 -------- b23) O
E
( 0
4
6
0
2
2 ) O
1
0000 0100 0110 0000 0010 0010
1
Where E is EVEN parity bit for bit 0 to 11 and O is ODD parity bit for bits 12 to 23
The base data for the Weigand output is the least significant 4-bytes of the EM4102 or
MCRF200/123 tag data. EM4102 or MCRF200/123 Reader mode selection is by means of an
RWD EEPROM parameter. In addition, parameters control whether the base data byte order
is reversed or if parity bits are added before output.
The complete data frame is output whenever the tag is within the RWD’s antenna field and
the tag has been validated. This output is independent of the normal TTL serial interface
which responds to received commands and replies with the data as requested.
The physical Weigand protocol is asynchronously transmitted as 50 µS LOW pulses on the
appropriate DATA low or DATA high pins. These pulses are separated by 2mS periods. The
Weigand sequence is output a single time whenever a valid tag enters the RF field for the first
time. (NO Weigand output if AUX OUTPUT parameter is ZERO/OFF).
Weigand Protocol Timing Diagram
TTL level
5v
0v
5v
0v
DATA High
DATA Low
50 µS pulse
2mS pulse intervals
DATA
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com