Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 15 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 15 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd EMPROT Datasheet HTML 15Page - rfsolutions.ltd EMPROT Datasheet HTML 16Page - rfsolutions.ltd EMPROT Datasheet HTML 17Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ib technology
15
Micro RWD EM4102 LP (low-power) specification
The MicroRWD EM4102 LOW-POWER version is a complete RFID Reader for 125kHz
EM4102 and compatible transponder types. The module is pin-compatible and virtually
identical in operation and features to the “standard” version (NOTE differences in EEPROM
parameters and the three polling rates).
However the LOW-POWER version uses a different specification microcontroller offering
lower voltage operation and is designed to be powered from four alkaline battery cells.
During the Polling Delay period the microcontroller enters SLEEP mode with the RF device
in hard power-down mode to reduce the current consumption to a very low level.
The module wakes up after the polling delay period and the process repeats. The RWD-
MIFARE “low-power” Windows applications can be used to configure the parameters and
read/write data.
Parameter
Typical Value
Supply Voltage (performance optimised for 5 volt operation)
4 – 6 volts DC (operation
from 4 x alkaline cells)
Operating temperature
-40 deg C to + 85 deg C
AVERAGE current consumption. (1 second polling)
100 µ
µ
µ
µA
Active period for RF AND host communication (each
polling cycle).
Up to 40 mS
Peak antenna voltage (optimum tuning)
100 volts peak
Peak antenna current (optimum tuning) for short period each
polling cycle (up to 10 mS burst)
150 mA
Polling Delay (SLEEP / Power-down mode)
4 mS to 8 seconds
Current consumption during Polling delay / SLEEP
Less than 20 µA
Current consumption during RF ON each polling cycle
Less than 20mA
Maximum data rate (between card and RWD)
4k baud
Range (dependent on antenna dimensions and tuning)
Up to 150mm
Auxiliary output drives
Up to 25mA
Serial Interface
TTL level RS232
Serial Communication Parameters
9600 baud, 8 data bits, no
parity, 1 stop bit protocol
with CTS handshake
Basic electrical specification with LEDs pins and auxiliary outputs NOT connected.
Note that the MicroRWD EM4102 LOW-POWER version is designed for optimum
performance and range at 5-volt operation. Performance will be reduced at maximum and
minimum operating voltage.
During the “Polling Delay” SLEEP/Power-down period the logic levels on the RWD pins
remain active and so for minimum current consumption, the LEDs and the auxiliary output
drives must be disconnected (and the Beep output delay set to zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com