Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 3Page - rfsolutions.ltd EMPROT Datasheet HTML 4Page - rfsolutions.ltd EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ib technology
7
Auxiliary output and BEEP delay timing (if options are enabled)
EM4102 card in field for first time, Auxiliary output enabled and BEEP delay set. Green
LED signal can be used as an interrupt signal to the host to indicate that auxiliary data will
follow.
Summary of Polling rates and command timing
Three polling rates:
1) NO card and NO commands: Polling rate determined by Polling rate parameter in
RWD EEPROM (0 to 8 seconds, default setting 260mS)
2) Card present but NO commands: 100ms polling delay between CTS pulses.
3) Command (and parameters) received: 10ms polling delay to next CTS pulse.
For lowest power consumption, the Polling rate parameter in EEPROM is typically set to a
long period (> 1 second). Auxiliary output (if enabled) occurs after Green LED signal and
before CTS.
Host communication software must be able to handle the three polling rates.
Note that Auxiliary outputs (and “BEEP” output) should be turned OFF if standard
RS232 command interface is being used to ensure minimum power consumption and no
additional delays occur in the polling loop.
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
5v
0v
idle
START
8 bit data
STOP idle
1
0
TTL levels
Transmitted or Received data byte, 9600 baud, 8 bit, 1 stop, No parity (104 µS per bit)
5v
0v
GREEN
LED
TTL levels
Not to scale
5v
0v
AUX
OUT
Representation of Auxiliary (serial/Weigand) data output on OP0 / OP1 pins
2mS after Green LED signal
CTS
5v
0v
BEEP delay after Aux output
(if enabled)
CTS goes LOW after Aux out/BEEP delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com