Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 1 Page - rfsolutions.ltd

  EMPROT Datasheet HTML 1Page - rfsolutions.ltd EMPROT Datasheet HTML 2Page - rfsolutions.ltd EMPROT Datasheet HTML 3Page - rfsolutions.ltd EMPROT Datasheet HTML 4Page - rfsolutions.ltd EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ib technology
1
Data Sheet
EMPROT_LP.PDF
17 Pages
Last Revised 01/03/09
Micro RWD EM4102 Low Power Version
(with auxiliary data outputs)
The MicroRWD EM4102 (Low Power) version is a complete reader and tag acceptance
solution for 125kHz EM Marin EM4102 (and Microchip MCRF200/123) derived RF
transponders. The solution is entirely housed within a 24-pin DIL package and only needs a
700µH antenna connected and a 5v DC supply to be a fully featured RFID Reader system.
The MicroRWD EM4102 LP version behaves in the same manner as the standard reader
except that it has an active, average current consumption of around 100µ
µ
µ
µA (micro Amps)
with 1 second polling rate. As with other RWD modules, all commands and data response are
via a simple TTL level RS232 interface. The RWD module also has output pins for indicator
LEDs, high-current outputs for driving external loads and a programmable “BEEP” output for
external sounders. In addition, the RWD EM4012 LP version has auxiliary data outputs on
the OP0 / OP1 pins that can be programmed to automatically output the UID (serial number)
as asynchronous 9600 baud serial or Weigand protocol Data High / Data Low signals. All
these features can be configured and turned ON/OFF by setting RWD EEPROM parameters.
The diagram below shows the pin out configuration for the RWD EM4102 LP module.
With the ultra-low-power current consumption and the additional auxiliary data output
features, this one of the most compact and flexible reader systems available.
The EM4102 based transponders provide 64 bits of read-only memory. This memory contains
a header bit sequence and parity bits that are decoded to give 40-bits (5 bytes) of user data.
This 5-byte Unique Identifier (UID) or serial number can be read using the READ TAG
(ASCII “R”, 0x52 Hex) command.
TTL
RS232 I/F
Tx
Rx
CTS
Screen
(if applicable)
700 µΗ Antenna
Micro
RWD
EM LP
Green LED
Red LED
1k
0v GND
+5v DC supply
+5v
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
0v GND
22R nom
Micro RWD EM4102 LP module connections
OP0
OP1
OP3
OP2
Current limiting
resistor
“BEEP” output
Auxiliary (automatic) data outputs:
9600 baud serial - OP0
OR
24/32-bit Weigand protocol
DATA HIGH – OP0
DATA LOW – OP1
Aux out (serial) data can be
redirected from OP0 to Tx, pin 23


Similar Part No. - EMPROT

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EMP ECE-EMP Datasheet
235Kb / 4P
MODULAR PLUG EMP SERIES
logo
Emcore Corporation
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes
EMP-1-FOG EMCORE-EMP-1-FOG Datasheet
1Mb / 2P
Fiber Optic Gyroscope (FOG)
EMP-1.2K EMCORE-EMP-1.2K Datasheet
384Kb / 1P
EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
Lithium-Niobate
More results

Similar Description - EMPROT

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320 DALLAS-DS80C320 Datasheet
1Mb / 42P
High-Speed/Low-Power Micro
logo
Micrel Semiconductor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
Dual Micro-Power Low Voltage Supervisor
logo
rfsolutions.ltd
ANTENNA_125 RFSOLUTIONS-ANTENNA_125 Datasheet
118Kb / 4P
Micro RWD 125kHz Antenna Specification
H1W200102 RFSOLUTIONS-H1W200102 Datasheet
57Kb / 10P
Micro RWD H1 ?쏻iegand??Output Version
ANTENNA_1356 RFSOLUTIONS-ANTENNA_1356 Datasheet
247Kb / 6P
Micro RWD MF (Mifare) Antenna Specification
H2PROT RFSOLUTIONS-H2PROT Datasheet
168Kb / 9P
Typical application configuration for Micro RWD module
MFPROT_LP RFSOLUTIONS-MFPROT_LP Datasheet
348Kb / 35P
Micro RWD MF Mifare Low Power Version
logo
Texas Instruments
TLV7011 TI1-TLV7011 Datasheet
995Kb / 18P
Micro-Package, Micro-Power, Low-Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com