Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 2Page - rfsolutions.ltd EMPROT Datasheet HTML 3Page - rfsolutions.ltd EMPROT Datasheet HTML 4Page - rfsolutions.ltd EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ib technology
6
Example a) NO card present, single STATUS (0x53) command received.
Note: at 9600 baud serial communication rate, a single byte is received or transmitted in
approximately 1mS (104µS per bit). If no commands follow then the polling rate reverts
back to the stored parameter value as in (1).
Example b) EM4102 card in field, READ TAG (0x53 0x00) command received.
5v
0v
Polling cycle
repeats
CTS
TTL levels
7ms
Not to scale
Polling cycle period set by EEPROM
parameter (4ms to 8 seconds)
Command byte received +
6mS CTS timeout
6ms
10ms
RWD
RX
(1ms) Command byte received
5v
0v
RWD
TX
Acknowledge byte reply
(1ms)
5v
0v
Host waits for CTS falling edge then sends command byte.
RWD processes command, RF turned ON for brief period to check if card present.
RWD then replies with acknowledge byte (+ data).
1
2
3
1
2
3
5v
0v
Polling cycle
repeats
CTS
TTL levels
8ms
100ms polling delay
(card still present)
6ms
21ms
RWD
RX
(2ms) Command byte + parameter received
5v
0v
RWD
TX
Acknowledge byte + 5 byte serial number reply
5v
0v
1
2
3
Command byte received +
6mS CTS timeout
Not to scale
15ms
6ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com