Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 16 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 16 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd EMPROT Datasheet HTML 15Page - rfsolutions.ltd EMPROT Datasheet HTML 16Page - rfsolutions.ltd EMPROT Datasheet HTML 17Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ib technology
16
Micro RWD EM4102 module dimensions and pinout
PINOUT DESCRIPTION
Pin Name
DIP No.
I/O Type
Buffer Type
Description
LED1
1
O
TTL
Red LED connection. 25ma max sink current
LED2
2
O
TTL
Green LED connection. 25ma max sink current
RESET
3
I
ST
Reset pin internally pulled high. Active low.
Normally not connected
BEEP
4
O
TTL
BEEP output pin (active LOW), 25ma max sink
current
OP3
5
O
TTL
Auxiliary output drive. 25ma max sink current.
OP2
6
O
TTL
Auxiliary output drive. 25ma max sink current.
GND
7
P
-
Ground reference for logic and analogue pins
-
8
-
-
Not connected
AN1
9
P
AN
Antenna connection. 1 (connected to antenna coil)
-
10
-
-
Not connected
-
11
-
-
Not connected
AN2
12
P
AN
Antenna connection 2 (connected to antenna coil)
GND
13
P
-
Ground reference for logic and analogue pins.
-
14
-
-
Not connected
-
15
-
-
Not connected
-
16
-
-
Not connected
-
17
-
-
Not connected
-
18
-
-
Not connected
OP1
19
O
TTL
Auxiliary output drive. 25ma max sink current.
OP0
20
O
TTL
Auxiliary output drive. 25ma max sink current.
VCC
21
P
-
+5v Positive supply
RX
22
I
TTL
Serial communication Receive line. 9600 baud, 8 bit,
1 stop, no parity
TX
23
O
TTL
Serial communication Transmit line
CTS
24
O
TTL
Serial communication CTS handshake. RX enabled
when CTS low and disabled when high.
(I/O = Input/Output, AN = Antenna output, P = Power, ST = Schmitt Trigger input, TTL = TTL logic I/O)
1
13
12
Micro
RWD
24
30.5 mm
18mm
Standard 0.1inch/ 2.54 mm pitch
Pins mounted to hybrid
flush with substrate.
PCB Row Spacing
18.5 mm
Unconnected pin pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com