Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd EMPROT Datasheet HTML 15Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ib technology
11
Byte 0: Polling Delay (SLEEP / Power down) period (Default = 0x60 = approx 260mS)
Byte 1: RF ON/OFF lock byte, (0x55 = RF ON (default), anything else = OFF)
Byte 2: Reserved (Checksum)
Byte 3: EM4102 / MRF200 Reader mode, (0x00 = MCRF200, 0x01 = EM4102 (default)
Byte 4: Aux data output: 0x00 = OFF (NO output from OP0 / OP1),
0x01 = 24 (26) bit, Weigand on OP0 / OP1
0x02 = 32 (34) bit, Weigand on OP0 / OP1.
0x03 = 9600 baud serial from OP0 (default)
Byte 5: Weigand parity option, 0x00 = no parity (default)
0x01 = Even / Odd parity attached
Byte 6: Aux data byte order plain or reversed, 0x00 = plain data as read (default)
0x01 = byte order reversed
Byte 7: “Beep” delay parameter (x 40 mS) Default = 0x00 (OFF)
Byte 8: Aux out (serial data) redirection (OP0 - pin 20 or Tx – pin 23)
0x00 = Serial aux output from OP0 pin (default)
0x01 = Serial aux output from main Tx pin
Byte 9: Reserved
Byte 10: Reserved
Byte 11: Reserved
Start of authorised card codes. List is terminated with FF FF FF FF sequence.
List is regarded as empty (all identity codes valid) if first code sequence in list is (FF FF FF FF).
List can hold up to 60 identity codes (serial numbers)
Byte 12: 0xFF
Empty list
Byte 13: 0xFF
Byte 14: 0xFF
Byte 15: 0xFF
Byte 16: (MSB) Tag identity code
Byte 17:
Byte 18:
Byte 19: (LSB)
Byte 20: (MSB) Tag identity code
Byte 21:
Byte 22:
Byte 23: (LSB)
-
-
-
-
Byte 255:
Last Internal EEPROM location
Note that the default RWD EEPROM setting above are different to the standard version. In
particular the polling delay parameter must be valid value (as shown in the table above), other
values will give undefined results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com