Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 12 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 12 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd EMPROT Datasheet HTML 15Page - rfsolutions.ltd EMPROT Datasheet HTML 16Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ib technology
12
Default RWD EEPROM parameter settings:
Byte 0: 0x60,
260mS Polling delay / SLEEP period
Byte 1: 0x55
RF ON
Byte 2: Reserved
Byte 3: 0x01
EM4102 Reader mode
Byte 4: 0x03,
Aux data output as 9600 baud serial on OP0
Byte 5: 0x00
Weigand NO parity option, only used if Byte 4 = 0x01 / 02
Byte 6: 0x00
Aux data “plain” as read from card (byte order NOT reversed)
Byte 7: 0x00
“Beep” output delay OFF
Byte 8: 0x00
Aux output (serial data) directed to OP0 pin.
Addition Notes for Commands
NOTE also that for the “READ TAG” command, if an error flag has been set in the
Acknowledge code then there will be NO following data.
NOTE that the serial communication uses hardware handshaking to inhibit the host from
sending the Micro RWD commands while Card communication is in progress. The serial
communication system and protocol allows for a 6ms ‘window’ every Card polling cycle
indicated by the CTS/BUSY line being low. During this ‘window’ the host must assert the
first start bit and start transmitting data. The CTS/BUSY goes high again 6ms after the last
stop bit is received. NOTE that only one command sequence is handled at a time. The period
between the CTS pulses (polling delay) can have three rates depending on whether a card is
present or not and if commands are being received by the RWD
NOTE that the commands and parameters must be sent to the RWD with no gaps otherwise
communication timeout occurs and the RWD enters the polling delay period (the command
string would then be incomplete and an RS232 error is flagged).
NOTE that the MicroRWD EM4102 LP version performs fast polling cycles as long as there
are commands to be processed. As soon as the commands stop being sent or the gap between
sending commands is too long then timeout occurs and the polling delay increases to 100ms
(if the card is still present) or the typically longer period (as set by EEPROM parameter) if
there is no card. This is to allow repeated commands to be handled quickly such as for a
“complete card read” where repeated Read Block commands are sent to the RWD.
Commands sent infrequently will have the full polling delay between each CTS/BUSY
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com