Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 2 Page - rfsolutions.ltd

  EMPROT Datasheet HTML 1Page - rfsolutions.ltd EMPROT Datasheet HTML 2Page - rfsolutions.ltd EMPROT Datasheet HTML 3Page - rfsolutions.ltd EMPROT Datasheet HTML 4Page - rfsolutions.ltd EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ib technology
2
Data is only accepted from the EM4102 transponder if the memory parity bits are valid. This
configuration ensures that the integrity of user data is maintained.
The EM4102 transponder type is widely used throughout the world in its base form and also
in many fully compatible derivative forms. The Microchip MCRF200/123 transponder has
the same modulation and timing characteristics as the EM4102 types but has a 16-byte read-
only memory. MCRF200/123 Reader mode can be selected by setting the appropriate RWD
EEPROM parameters.
Auxiliary Data Output
The Micro RWD EM4102 LP version uses the least significant 4-bytes of the 5-byte UID
(serial number) to create a 32-bit data frame. The first byte of the 5-byte EM4102 data is
ignored. The data frame can then be output as asynchronous 9600 baud serial data on OP0
pin or as 24 / 32 bit Weigand protocol with parity bits attached (making 26 or 34 bits of data)
on OP0 / OP1 pins.
An RWD EEPROM parameter can redirect the serial auxiliary output on OP0 to the
main TX output (pin 23). This is to allow both bi-directional command/data
communication and the uni-directional auxiliary serial data output with the same 3-wire
RS232 interface. Note that when the auxiliary serial output has been redirected to TX
pin, there will be NO acknowledgement or data response to commands.
For normal command and data response using the Windows application, the serial
auxiliary output MUST be directed to the OP0 pin.
The auxiliary data outputs on OP0 / OP1 are AUTOMATIC and if enabled, occur when a
card enters the RF field for the first time. The “beep” output signal delay, the data source and
byte order for the auxiliary output and the various Weigand protocol options are all controlled
by programmable RWD EEPROM parameters (see page 10). A zero data length parameter
effectively turns the auxiliary outputs OFF (factory default set to asynchronous serial output
of UID-serial number from OP0 with NO “beep” output).
In this manner the MicroRWD EM4102 LP can be used in a battery powered application
(<100µA average current consumption) and automatically output a 4-byte serial number
WITHOUT any commands having to be sent to the module. In addition, the “Green” LED
output or the BEEP output can be used as a control signal to “interrupt” the host computer or
microcontroller just before the automatic data is transmitted.
NOTE that the “BEEP” output (RWD pin 4) idles in a high state and is an open drain output
so it “sinks” current. External loads can be connected between the supply rail and pin 4 with
a series resistor to ensure “sink” current does not exceed 25ma.
MicroRWD EM4102 LP operation
The MicroRWD is essentially a proximity system and a Read range of up to 20cm can be
achieved. The unique AST (Adaptive Sampling) feature allows the RWD to continually adjust
and re-tune the sampling to allow for inductive changes in the RF field, an essential feature
for real-world reliability and robust operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com