Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 4 Page - rfsolutions.ltd

  EMPROT Datasheet HTML 1Page - rfsolutions.ltd EMPROT Datasheet HTML 2Page - rfsolutions.ltd EMPROT Datasheet HTML 3Page - rfsolutions.ltd EMPROT Datasheet HTML 4Page - rfsolutions.ltd EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ib technology
4
Supported transponder types
The Micro RWD EM4102 version is designed to read data from EM Marin EM4001/EM4102
transponder types and compatible read-only tags with the correct header, data and parity bit
structure (direct ASK modulation, Manchester coded with data rate of RF/64).
The operation of the Micro RWD and EM4102 transponders is described in more detail at the
end of this document.
In Microchip MCRF200/123 Reader mode the RWD supports the MCRF200/123 read-only
transponder with 16-byte memory, 0x802A header and direct ASK modulation, Manchester
coded with data rate of RF/64.
Note that to maintain compatibility with other RWD systems the identification codes
used for the Auxiliary outputs are 4-byte (32-bit) value:
Bytes 1-4 of EM4102 memory (least significant 4-bytes, ignoring first byte)
Bytes 12-15 of MCRF200/123 memory (least significant 4-bytes)
Serial Interface
This is a basic implementation of RS232. The Micro RWD does not support buffered
interrupt driven input so it must control a BUSY (CTS) line to inhibit communications from
the host when it is fully occupied with card communication. It is assumed that the host (such
as a PC) can buffer received data. This CTS signal must be connected to the host computer
communication port to allow “hardware handshaking” or the host driver software must check
the CTS signal and only send commands/data when it is in a LOW state. The CTS signal is
pulsed LOW for a 6ms period each polling cycle. The host computer must wait for this LOW
signal and then send the command and data.
The CTS line remains in a LOW state while the command and data bytes are being received.
After the last byte of data the CTS signal “times out” for 6ms and returns HIGH.
This 6ms “window” every polling cycle allows the host computer to send a single command
and associated data to the RWD. Please note that only one command and it’s corresponding
data bytes can be sent during a CTS LOW period, the command and data bytes must be sent
with no gaps between, if there is a pause of more than 6ms between bytes then “time out”
occurs, the CTS line returns high and the command fails (flagged as RS232 error). The CTS
signal idles in this HIGH state (to inhibit host communication) until the next polling cycle
begins.
The communication baud rate is 9600 baud, 8 bits, 1 stop, no parity. The RWD Tx, Rx and
CTS signals are all TTL level and can be converted to +/-10v RS232 levels using a level
converter device such as the MAX202 (note the inversion of the TTL levels).
The Micro RWD EM4102 LP (low-power) version has been specifically designed to
operate with very low average power consumption but still remain responsive to cards
entering and leaving the field and be able to read large amounts of data as quickly as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com