Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 13 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 13 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd EMPROT Datasheet HTML 15Page - rfsolutions.ltd EMPROT Datasheet HTML 16Page - rfsolutions.ltd EMPROT Datasheet HTML 17Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ib technology
13
Method of Operation
The Micro RWD reader only allows full communication with EM4102 transponders if an
initial level of security has been passed. The system works by reading the tag memory,
stripping off the various parity bits to give the five-byte user memory. Bytes 1 to 4 of the
EM4102 five-byte sequence are then taken as a four byte serial number (identity code). The
most significant byte (byte 0) is ignored. The Micro RWD internal EEPROM is then checked
to see if this serial number is stored in the authorisation list located from byte 12 onwards. If
the tag serial number is matched to a serial number stored in the Micro RWD or the list is
empty then the tag has passed the validation test. If the Micro RWD has FF FF FF FF (hex)
stored at EEPROM locations 12 to 15 then the list is treated as empty and all EM4102 tags are
accepted through the validation test.
Full communication is only allowed if this initial security check has been passed (or the
Micro RWD authorisation list is empty).
Auxiliary Asynchronous Serial output
If selected, data can be automatically output from the OP0 or main TX pin as 4-bytes of data
transmitted asynchronously at 9600 baud, 8-bits, 1 stop-bit, no parity. The base data is the
least significant 4-bytes (bytes 1–4) of the EM4102 tag data or the least significant 4-bytes
(bytes 12-15) of the MCRF200/123 16-byte memory.
Auxiliary Weigand Output Protocol
If selected, data can be automatically output from the OP0 / OP1 pins as Data HIGH and Data
LOW signals according to the Weigand protocol.
The Weigand protocol (24 bit data length) can be made up of a leading even parity bit (for b0
- b11), 24 bits of data (from transponder data) and a trailing odd parity bit (for b12- b23)
creating a 26-bit output stream. The 32-bit mode has the same format except least significant
four bytes of block data are used to form the data sequence. The parity bits are included or
omitted and the byte order is reversed according to the EEPROM parameter settings.
For Example:-
Mifare block data (least significant 4 bytes):
0x04 60 22 12
(reversed byte option would use 0x12 22 60 04 as base data)
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
5v
0v
idle
START
8 bit data
STOP idle
1
0
TTL levels
Data bytes transmitted at 9600 baud, 8-bits, 1-stop bit, No parity (104 µS per bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com