Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPROT Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 4Page - rfsolutions.ltd EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ib technology
8
Host Driver software
Communication with the MicroRWD module is via the TTL level RS232 interface (9600
baud, 8 bit, 1 stop bit, no parity) and uses the CTS line for hardware handshaking. The
Windows applications (supplied with the Evaluation kit) can be used to communicate with the
module or the user can write their own application on a PC or a microcontroller. Please note
that the host software must be able to handle the three distinct polling rates (different periods
between CTS pulses). The following basic communication algorithm can be used:-
Typical host computer “pseudo” driver code
if (Green LED ON (pin 2 = 0))
// Optional check for valid tag in field
{
if (CTS = 0)
// Wait for CTS = 0 (RWD ready to receive command / data)
{
// CTS times out after 6ms so command and all parameters must be sent with
// no gaps otherwise CTS times out and goes HIGH.
// For example, send READ TAG command (with dummy page no.) (0x52 0x00)
SEND_BYTE( 0x52);
// Send command
SEND_BYTE( 0x00);
// Send argument 1
// RWD sets CTS = 1 after last parameter received. RWD module processes
// command, turns on RF for short period, waits then sends reply.
GET_REPLY( );
// Get Acknowledge byte + data
// Response to READ command is 0xC0 (no tag) or 0xD6 + five bytes of DATA.
}
}
Command Protocol
The following commands are supported. The corresponding acknowledge code should be read
back by the host and decoded to confirm that the command was received and actioned
correctly. The serial bit protocol is 9600 baud, 8 bits, 1 stop, no parity (lsb transmitted first).
The status flags returned in the Acknowledge byte are as follows:
b7 b6 b5 b4 b3 b2 b1 b0
1
1
1
1
1 1 1 1
|
|
|
|
|
EEPROM error (Internal EEPROM write error)
|
|
|
| Tag OK (Tag identity code matched to list and authentication successful)
|
|
| Rx OK (Tag communications and acknowledgement OK)
|
|
RS232 error (Host serial communications error)
|
RELAY (OP2, OP3) Enabled flag
HTRC (or Antenna fault) error flag
Note that bits 6 and 7 are fixed 1’s so that an acknowledge code of D6 (Hex) would generally indicate no errors
with a matched (or authorised) Tag present.
Note also that only the relevant flags are set after each command as indicated in the following specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com